| 전자부품 데이터시트 검색엔진 |
|
AT45CS1282 데이터시트(PDF) 19 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45CS1282 데이터시트(HTML) 19 Page - ATMEL Corporation |
|
19 / 33 page ![]() 19 AT45CS1282 [Preliminary] 3447A–DFLSH–2/04 Reset Timing Note: The CS signal should be in the high state before the RESET signal is deasserted. Command Sequence for Read/Write Operations (Except Status Register Read, Manufacturer and Device ID Read) Write Operations The following block diagram and waveforms illustrate the various write sequences available. CS SCK/CLK RESET SO or I/O7 - I/O0 (OUTPUT) HIGH IMPEDANCE HIGH IMPEDANCE SI or I/O7 - I/O0 (INPUT) tRST tREC tCSS SI or I/O7 - I/O0 (INPUT) CMD 8 bits 8 bits 8 bits MSB 7 Bits Don't Care Page Address (PA13 - PA0) X X X X X X X X X X X X X X X X LSB X X X X X X X X 8 bits X X X X X X X X Byte/Buffer Address (BA10 - BA0/BFA10 - BFA0) FLASH MEMORY ARRAY PAGE (1056 BYTES) BUFFER 2 (1056 BYTES) BUFFER 1 (1056 BYTES) I/O INTERFACE SI BUFFER 1 TO MAIN MEMORY PAGE PROGRAM BUFFER 2 TO MAIN MEMORY PAGE PROGRAM BUFFER 1 WRITE BUFFER 2 WRITE I/O7 - I/O0 |