전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

COP888EB 데이터시트(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 COP888EB
상세설명  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB 데이터시트(HTML) 41 Page - National Semiconductor (TI)

Back Button COP888EB Datasheet HTML 37Page - National Semiconductor (TI) COP888EB Datasheet HTML 38Page - National Semiconductor (TI) COP888EB Datasheet HTML 39Page - National Semiconductor (TI) COP888EB Datasheet HTML 40Page - National Semiconductor (TI) COP888EB Datasheet HTML 41Page - National Semiconductor (TI) COP888EB Datasheet HTML 42Page - National Semiconductor (TI) COP888EB Datasheet HTML 43Page - National Semiconductor (TI) COP888EB Datasheet HTML 44Page - National Semiconductor (TI) COP888EB Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
Interrupts (Continued)
VIS Execution
When the VIS instruction is executed it activates the arbitra-
tion logic. The arbitration logic generates an even number
between E0 and FE (E0, E2, E4, E6 etc...) depending on
which active interrupt has the highest arbitration ranking at
the time of the 1st cycle of VIS is executed. For example, if
the software trap interrupt is active, FE is generated. If the
external interrupt is active and the software trap interrupt is
not, then FA is generated and so forth. If the only active inter-
rupt is software trap, than E0 is generated. This number re-
places the lower byte of the PC. The upper byte of the PC re-
mains unchanged. The new PC is therefore pointing to the
vector of the active interrupt with the highest arbitration rank-
ing. This vector is read from program memory and placed
into the PC which is now pointed to the 1st instruction of the
service routine of the active interrupt with the highest arbitra-
tion ranking.
Figure 32 illustrates the different steps performed by the VIS
instruction.
Figure 33 shows a flowchart for the VIS instruc-
tion.
The non-maskable interrupt pending flag is cleared by the
RPND (Reset Non-Maskable Pending Bit) instruction (under
certain conditions) and upon RESET.
DS012837-29
FIGURE 32. VIS Operation
www.national.com
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75