| 전자부품 데이터시트 검색엔진 |
|
MAC7101CPV 데이터시트(PDF) 2 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7101CPV 데이터시트(HTML) 2 Page - Motorola, Inc |
|
2 / 48 page ![]() 2 MAC7100 Microcontroller Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Ordering Information MAC7111 and MAC7131 also offer a 16-bit wide external data bus with 22 address lines. The family of devices is capable of operating over a junction temperature range of -40° C to 150° C. Table 1 provides a comparison of members of the MAC7100 Family and the availability of peripheral modules on the various devices. 2 Ordering Information Figure 1. Order Part Number Example Table 1. MAC7100 Family Device Derivatives Module Options MAC7101 MAC7111 MAC7121 MAC7131 MAC7141 Program Flash 512Kbytes 512Kbytes 512Kbytes 512Kbytes 512Kbytes Data Flash 32Kbytes 32Kbytes 32Kbytes 32Kbytes 32Kbytes SRAM 32Kbytes 32Kbytes 32Kbytes 32Kbytes 32Kbytes External Bus No Yes No Yes No ATD Modules 2 1 1 2 1 CAN Modules 4 4 4 4 2 eSCI Modules 4 4 4 4 2 DSPI Modules 2 2 2 2 2 I2C Modules 1 1 1 1 1 eMIOS Module 16 channels, 16-bit 16 channels, 16-bit 16 channels, 16-bit 16 channels, 16-bit 16 channels, 16-bit Timer Module 10 channels, 24-bit 10 channels, 24-bit 10 channels, 24-bit 10 channels, 24-bit 10 channels, 24-bit GPIO Pins (max.) 111 111 84 127 71 Package 144 LQFP 144 LQFP 112 LQFP 208 MAP BGA 100 LQFP M AC 7 1 0 1 C PV 50 xx MC Status Core Code Core Number Generation / Family Package Option Device Number Temperature Range Package Identifier Speed (MHz) Optional Package Identifiers Temperature Option C = –40° C to 85° C V = –40° C to 105° C M = –40° C to 125° C Package Option FU = 100 QFP PV = 112 / 144 LQFP VF = 208 MAP BGA Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |