전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TT50-SD 데이터시트(PDF) 2 Page - LEM

부품명 TT50-SD
상세설명  AC Current transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEM [LEM]
홈페이지  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

TT50-SD 데이터시트(HTML) 2 Page - LEM

  TT50-SD Datasheet HTML 1Page - LEM TT50-SD Datasheet HTML 2Page - LEM TT50-SD Datasheet HTML 3Page - LEM TT50-SD Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Safety and warning notes
In order to guarantee safe operation of the transducer and to be able to make proper use of all features and functions,
please read these instructions thoroughly!
Safe operation can only be guaranteed if the transducer is used for the purpose it has been designed for and within
the limits of the technical specifications.
Ensure you get up-to-date technical information that can be found in the latest associated datasheet under www.lem.com.
Caution! Risk of danger
Ignoring the warnings can lead to serious injury and/or cause damage!
The electric measuring transducer may only be installed and put into operation by qualified personnel that
have received an appropriate training.
The corresponding national regulations shall be observed during installation and operation of the transducer
and any electrical conductor.
The transducer shall be used in electric/electronic equipment with respect to applicable standards and safety
requirements and in accordance with all the related systems and components manufacturers’ operating
instructions.
Caution! Risk of electrical shock
When operating the transducer, certain parts of the module may carry hazardous live voltage (e.g.
primary conductor, power supply).
The user shall ensure to take all measures necessary to protect against electrical shock.
The transducer is a built-in device containing conducting parts that shall not be accessible after installation.
A protective enclosure or additional insulation barrier may be necessary.
The transducer shall not be put into operation if the jaw opening is open (split core version) or the installation
is not completed.
Installation and maintenance shall be done with the main power supply disconnected except if there are no
hazardous live parts in or in close proximity to the system and if the applicable national regulations are fully
observed.
Safe and trouble-free operation of this transducer can only be guaranteed if transport, storage and installation are carried
out correctly and operation and maintenance are carried out with care.
Current transformer TT 50-SD
071115/5
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 2/4



Html Pages

1 2 3 4