| 전자부품 데이터시트 검색엔진 |
|
MB9B160R 데이터시트(PDF) 13 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B160R 데이터시트(HTML) 13 Page - Cypress Semiconductor |
|
13 / 158 page ![]() Document Number: 002-04918 Rev.*A Page 13 of 158 MB9B160R Series BGA-112P-M05 (TOP VIEW) Note: The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. VSS X0 X1 VSS VCC MD1 MD0 VSS N VSS P40 P41 VSS X0A X1A VSS VBAT P49 VCC P4D C VSS AN01 AN00 M VCC VSS P42 P44 VSS INITX P45 P48 P4B P4C P4E AN03 AN02 L P3E P3F P43 AN04 K P3C P3D AN06 AN05 AN08 AN07 AVCC J P39 P3A P3B AN10 AN09 AVSS H VSS P37 P38 G P34 P35 P36 AN12 AN11 AVRL AN14 AN13 AVRH F P31 P32 P33 AN16 AN15 E P55 P56 P30 AN20 VSS AN18 AN17 D P53 P54 VCC C P50 P51 P52 P63 TDI TDO/ SWO AN23 TMS/ SWDIO AN22 AN19 P0C P0D VSS P0E VSS B VCC VSS P60 P61 P62 TRSTX TCK/ SWCLK VSS AN21 P0A P0B VSS A VSS P81 P80 VCC VSS 8 9 10 11 12 13 1 2 3 4 5 6 7 index |