| 전자부품 데이터시트 검색엔진 |
|
MB9B560R 데이터시트(PDF) 13 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B560R 데이터시트(HTML) 13 Page - Cypress Semiconductor |
|
13 / 169 page ![]() Document Number: 002-04864 Rev.*A Page 13 of 169 MB9B560R Series BGA-112P-M05 (TOP VIEW) Note: • The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. VCC VSS MD1 VSS MD0 X0 C INITX X1A P49 VSS VSS X1 P41 P44 VSS VSS X0A AN00 VSS VCC VBAT P4D VCC VSS VSS P40 P42 AVRH AVRL AVSS AVCC AN04 AN02 AN09 AN07 AN05 AN03 AN01 13 VSS VCC AN17 AN15 M D E F G N 12 P0E VSS AN18 AN16 AN13 AN11 K L H J 11 A B C 6 7 8 9 10 3 4 5 P3C P39 1 2 VSS VCC P50 P53 P3A VSS P3D P0B P0C P3B P55 P31 P34 VSS P32 P56 P36 UDP0 UDM0 USBVCC VSS P0A P52 P30 P33 TCK/ SWCLK VSS AN21 P63 TDI P60 P61 P62 TRSTX TMS/ SWDIO P3E P35 P37 P38 VSS P3F P43 P45 P48 P4B P4C P4E AN22 AN23 P0D VSS AN14 AN12 P51 AN19 AN20 P54 AN08 AN06 AN10 TDO/ SWO index |