| 전자부품 데이터시트 검색엔진 |
|
MF-RX075/72 데이터시트(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-RX075/72 데이터시트(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 5 page ![]() MF-RX/72 SERIES, REV. K, 10/15 Typical Time to Trip at 23 ˚C Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. MF-RX/72 Series - PTC Resettable Fuses 100 10 1 0.1 0.01 0.001 0.1 1 10 100 Fault Current (Amps) 0.01 0.001 1 10 100 0.1 1 10 100 1000 Fault Current (Amps) The Time to Trip curves represent typical performance of a device in a simulated application environment. Actual performance in specific customer applications may differ from these values due to the influence of other variables. Thermal Derating Chart - Ihold (Amps) Model Ambient Operating Temperature -40 °C -20 °C0 °C 23 °C 40 °C 50 °C 60 °C 70 °C 85 °C MF-RX020/72 0.31 0.27 0.24 0.20 0.16 0.14 0.13 0.11 0.08 MF-RX025/72 0.39 0.34 0.30 0.25 0.20 0.18 0.16 0.14 0.10 MF-RX030/72 0.47 0.41 0.36 0.30 0.24 0.22 0.19 0.16 0.12 MF-RX040/72 0.62 0.54 0.48 0.40 0.32 0.29 0.25 0.22 0.16 MF-RX050/72 0.78 0.68 0.60 0.50 0.41 0.36 0.32 0.27 0.20 MF-RX065/72 1.01 0.88 0.77 0.65 0.53 0.47 0.41 0.35 0.26 MF-RX075/72 1.16 1.02 0.89 0.75 0.61 0.54 0.47 0.41 0.30 MF-RX090/72 1.40 1.22 1.07 0.90 0.73 0.65 0.57 0.49 0.36 MF-RX110/72 1.71 1.50 1.31 1.10 0.89 0.79 0.69 0.59 0.44 MF-RX135/72 2.09 1.84 1.61 1.35 1.09 0.97 0.85 0.73 0.54 MF-RX160/72 2.48 2.18 1.90 1.60 1.30 1.15 1.01 0.86 0.64 MF-RX185/72 2.87 2.52 2.20 1.85 1.50 1.33 1.17 1.00 0.74 MF-RX250/72 3.88 3.40 2.98 2.50 2.03 1.80 1.58 1.35 1.00 MF-RX300/72 4.65 4.08 3.57 3.00 2.43 2.16 1.89 1.62 1.20 MF-RX375/72 5.81 5.10 4.46 3.75 3.04 2.70 2.36 2.03 1.50 |