| 전자부품 데이터시트 검색엔진 |
|
FT601 데이터시트(PDF) 7 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT601 데이터시트(HTML) 7 Page - Future Technology Devices International Ltd. |
|
7 / 32 page ![]() Copyright © 2016 Future Technology Devices International Limited 7 FT600Q-FT601Q IC DatasheetDatasheet Version 1.02 Doc ument N o.: FT _001118 C learance N o.: FT DI#424 3.2 Device Pin Out Signal Description Pin Nam1e Description Type Pin No. QFN76 QFN56 CLK Parallel FIFO bus clock output pin to FIFO bus master, the Frequency can be configured as 66Mhz or 100Mhz for both FIFO bus modes. O 58 43 DATA_0 Parallel FIFO bus data I/O bit 0. I/O 40 33 DATA_1 Parallel FIFO bus data I/O bit 1. I/O 41 34 DATA_2 Parallel FIFO bus data I/O bit 2. I/O 42 35 DATA_3 Parallel FIFO bus data I/O bit 3. I/O 43 36 DATA_4 Parallel FIFO bus data I/O bit 4. I/O 44 39 DATA_5 Parallel FIFO bus data I/O bit 5. I/O 45 40 DATA_6 Parallel FIFO bus data I/O bit 6. I/O 46 41 DATA_7 Parallel FIFO bus data I/O bit 7. I/O 47 42 DATA_8 Parallel FIFO bus data I/O bit 8. I/O 50 45 DATA_9 Parallel FIFO bus data I/O bit 9. I/O 51 46 DATA_10 Parallel FIFO bus data I/O bit 10. I/O 52 47 DATA_11 Parallel FIFO bus data I/O bit 11. I/O 53 48 DATA_12 Parallel FIFO bus data I/O bit 12. I/O 54 53 DATA_13 Parallel FIFO bus data I/O bit 13. I/O 55 54 DATA_14 Parallel FIFO bus data I/O bit 14. I/O 56 55 DATA_15 Parallel FIFO bus data I/O bit 15. I/O 57 56 DATA_16 Parallel FIFO bus data I/O bit 16. I/O 60 N/A DATA_17 Parallel FIFO bus data I/O bit 17. I/O 61 N/A DATA_18 Parallel FIFO bus data I/O bit 18. I/O 62 N/A DATA_19 Parallel FIFO bus data I/O bit 19. I/O 63 N/A DATA_20 Parallel FIFO bus data I/O bit 20. I/O 64 N/A DATA_21 Parallel FIFO bus data I/O bit 21. I/O 65 N/A DATA_22 Parallel FIFO bus data I/O bit 22. I/O 66 N/A DATA_23 Parallel FIFO bus data I/O bit 23. I/O 67 N/A DATA_24 Parallel FIFO bus data I/O bit 24. I/O 69 N/A |