전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPR1020CF 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STPR1020CF
상세설명  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1020CF 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STPR1020CF Datasheet HTML 2Page - STMicroelectronics STPR1020CF Datasheet HTML 3Page - STMicroelectronics STPR1020CF Datasheet HTML 4Page - STMicroelectronics STPR1020CF Datasheet HTML 5Page - STMicroelectronics STPR1020CF Datasheet HTML 6Page - STMicroelectronics STPR1020CF Datasheet HTML 7Page - STMicroelectronics STPR1020CF Datasheet HTML 8Page - STMicroelectronics STPR1020CF Datasheet HTML 9Page - STMicroelectronics STPR1020CF Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STPR1020CB/CG/CT/CF/CFP/CR
6/10
PACKAGE MECHANICAL DATA
DPAK
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max
Min.
Max.
A
2.20
2.40
0.086
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.212
C
0.45
0.60
0.017
0.023
C2
0.48
0.60
0.018
0.023
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.251
0.259
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.397
L2
0.80 typ.
0.031 typ.
L4
0.60
1.00
0.023
0.039
V2
0°
8°
0°
8°
FOOT PRINT (in milliteters)
DPAK
6.7
6.7
3
3
1.6
1.6
2.3
2.3



Html Pages

1 2 3 4 5 6 7 8 9 10