전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV0674T100 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 STV0674T100
상세설명  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674T100 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button STV0674T100 Datasheet HTML 27Page - STMicroelectronics STV0674T100 Datasheet HTML 28Page - STMicroelectronics STV0674T100 Datasheet HTML 29Page - STMicroelectronics STV0674T100 Datasheet HTML 30Page - STMicroelectronics STV0674T100 Datasheet HTML 31Page - STMicroelectronics STV0674T100 Datasheet HTML 32Page - STMicroelectronics STV0674T100 Datasheet HTML 33Page - STMicroelectronics STV0674T100 Datasheet HTML 34Page - STMicroelectronics STV0674T100 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
33/35
STV0674
Evaluation Kit and Reference Design Manuals
6
Evaluation Kit and Reference Design Manuals
6.1
Evaluation kit
STMicroelectronics recommends the use of their evaluation kit (EVK) for initial evaluation and
design-in. The kit contains all the hardware functionality required to implement a webcam, dual
mode and tri mode camera and is populated with SDRAM, NAND FLASH as well as a Smartmedia
connector.
The EVK content is the following:
q
STV0674 Evaluation board with both CIF and VGA sensor plug-in
q
USB cable
q
PC software
q
User manual
6.2
Reference design manuals
The STMicroelectronics STV0674 reference design manuals include complete schematics, BOM
and design recommendations. For products based on the STV0674, STMicroelectronics
recommends that all designers refer to the reference design manuals before starting a new design.
Please contact STMicroelectronics for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35