전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMX320C2811PBKA 데이터시트(PDF) 64 Page - Texas Instruments

부품명 TMX320C2811PBKA
상세설명  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMX320C2811PBKA 데이터시트(HTML) 64 Page - Texas Instruments

Back Button TMX320C2811PBKA Datasheet HTML 60Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 61Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 62Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 63Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 64Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 65Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 66Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 67Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 147 page
background image
Peripherals
64
June 2004
SPRS257
Mailbox RAM
(512 Bytes)
32-Message Mailbox
of 4 × 32-Bit Words
Memory Management
Unit
CPU Interface,
Receive Control Unit,
Timer Management Unit
eCAN Memory
(512 Bytes)
Registers and Message
Objects Control
32
32
Message Controller
32
32
32
32
32
32
eCAN Protocol Kernel
Receive Buffer
Transmit Buffer
Control Buffer
Status Buffer
Enhanced CAN Controller
32
Controls Address
Data
eCAN1INT
eCAN0INT
32
SN65HVD23x
3.3-V CAN Transceiver
CAN Bus
Figure 4−7. eCAN Block Diagram and Interface Circuit
Table 4−5. 3.3-V eCAN Transceivers for the R281x DSPs
PART NUMBER
SUPPLY
VOLTAGE
LOW-POWER
MODE
SLOPE
CONTROL
VREF
OTHER
TA
SN65HVD230
3.3 V
Standby
Adjustable
Yes
−−
−40°C to 85°C
SN65HVD230Q
3.3 V
Standby
Adjustable
Yes
−−
−40°C to 125°C
SN65HVD231
3.3 V
Sleep
Adjustable
Yes
−−
−40°C to 85°C
SN65HVD231Q
3.3 V
Sleep
Adjustable
Yes
−−
−40°C to 125°C
SN65HVD232
3.3 V
None
None
None
−−
−40°C to 85°C
SN65HVD232Q
3.3 V
None
None
None
−−
−40°C to 125°C
SN65HVD233
3.3 V
Standby
Adjustable
None
Diagnostic
Loopback
−40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com