| 전자부품 데이터시트 검색엔진 |
|
SIP823 데이터시트(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
SIP823 데이터시트(HTML) 2 Page - Vishay Siliconix |
|
2 / 6 page ![]() SiP823/SiP824/SiP825 Vishay Siliconix www.vishay.com 2 Document Number: 72397 S-41150—Rev. B, 14-Jun-04 ORDERING INFORMATION Reset time-out Period Default: 210 mS Threshold Voltage Options L: 4.63 V M: 4.38 V T: 3.08 V S: 2.93 V R: 2.63 V Z: 2.32 V Y: 2.19 V x EU x x DT-TR1 Please contact your local Vishay Semiconductor Sales Office for information on customization of reset voltage, reset time-out, and watchdog time-out options. Watchdog time-out Period Default: 1.76 Sec SiP823 SiP824 SiP825 MARKING INFORMATION SiP823 SiP824 SiP825 SiP823LEU AAxxx SiP824LEU AIxxx SiP825LEU ARxxx SiP823MEU ABxxx SiP824MEU AKxxx SiP825MEU ASxxx SiP823TEU ACxxx SiP824TEU ALxxx SiP825TEU ATxxx SiP823SEU ADxxx SiP824SEU AMxxx SiP825SEU AVxxx SiP823REU AExxx SiP824REU ANxxx SiP825REU AWxxx SiP823ZEU AGxxx SiP824ZEU AOxxx SiP825ZEU AXxxx SiP823YEU AHxxx SiP824YEU APxxx SiP825YEU AYxxx Last two characters denote date code. ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED) Parameter Symbol Limit Unit Supply Voltage VCC −0.3 to 6.0 V All Other Pins VMAX −0.3 to (VCC + 0.3) V Input/Output Current, All Pins IIN(max) 20 mA Operating Temperature Range TA −40 to 85 Storage Temperature Range Tstg −65 to 150 _C Junction Temperature Range TJ −40 to 125 Power Dissipation (TA v 70_C) SOT-23 (Derate 4 mW/_C above 70_C) PD 310 mW Notes a. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. |