전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMN32D4SDW 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 DMN32D4SDW
상세설명  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN32D4SDW 데이터시트(HTML) 4 Page - Diodes Incorporated

  DMN32D4SDW Datasheet HTML 1Page - Diodes Incorporated DMN32D4SDW Datasheet HTML 2Page - Diodes Incorporated DMN32D4SDW Datasheet HTML 3Page - Diodes Incorporated DMN32D4SDW Datasheet HTML 4Page - Diodes Incorporated DMN32D4SDW Datasheet HTML 5Page - Diodes Incorporated DMN32D4SDW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN32D4SDW
Document number: DS36023 Rev. 2 - 2
4 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMN32D4SDW
0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 7 On-Resistance Variation with Temperature
V
= 5V
GS
I
= 300mA
D
V
= 10V
GS
I = 500mA
D
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 8 Gate Threshold Variation vs. Ambient Temperature
I = 1mA
D
I = 250µA
D
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.2
0.4
0.6
0.8
1
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = 55°C
A
T = 150°C
A
1
10
100
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
f = 1MHz
C iss
C oss
Crss
0
2
4
6
8
10
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3
Q , TOTAL GATE CHARGE (nC)
g
Figure 11 Gate Charge
V
= 10V
DS
I
= 250mA
D
0.001
0.01
0.1
1
10
0.1
1
10
100
RDS(on)
Limited
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
T
= 150°C
J (m ax )
T = 25°C
A
V
= 10V
GS
Single Pulse
DUT on 1 * MRP Board
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com