전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM54161 데이터시트(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 DM54161
상세설명  Synchronous 4-Bit Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54161 데이터시트(HTML) 1 Page - National Semiconductor (TI)

  DM54161 Datasheet HTML 1Page - National Semiconductor (TI) DM54161 Datasheet HTML 2Page - National Semiconductor (TI) DM54161 Datasheet HTML 3Page - National Semiconductor (TI) DM54161 Datasheet HTML 4Page - National Semiconductor (TI) DM54161 Datasheet HTML 5Page - National Semiconductor (TI) DM54161 Datasheet HTML 6Page - National Semiconductor (TI) DM54161 Datasheet HTML 7Page - National Semiconductor (TI) DM54161 Datasheet HTML 8Page - National Semiconductor (TI) DM54161 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF6551
October 1992
DM54161DM74161DM74163
Synchronous 4-Bit Counters
General Description
These synchronous presettable counters feature an inter-
nal carry look-ahead for application in high-speed counting
designs The 161 and 163 are 4-bit binary counters The
carry output is decoded by means of a NOR gate thus pre-
venting spikes during the normal counting mode of opera-
tion Synchronous operation is provided by having all flip-
flops clocked simultaneously so that the outputs change co-
incident with each other when so instructed by the count-
enable inputs and internal gating This mode of operation
eliminates the output counting spikes which are normally
associated with asynchronous (ripple clock) counters A
buffered clock input triggers the four flip-flops on the rising
(positive-going) edge of the clock input waveform
These counters are fully programmable that is the outputs
may be preset to either level As presetting is synchronous
setting up a low level at the load input disables the counter
and causes the outputs to agree with the setup data after
the next clock pulse regardless of the levels of the enable
input The clear function for the 161 is asynchronous and a
low level at the clear input sets all four of the flip-flop out-
puts low regardless of the levels of clock load or enable
inputs The clear function for the 163 is synchronous and a
low level at the clear input sets all four of the flip-flop out-
puts low after the next clock pulse regardless of the levels
of the enable inputs This synchronous clear allows the
count length to be modified easily as decoding the maxi-
mum count desired can be accomplished with one
external NAND gate The gate output is connected to the
clear input to synchronously clear the counter to all low out-
puts Low-to-high transitions at the clear input of the 163 are
also permissible regardless of the logic levels on the clock
enable or load inputs
The carry look-ahead circuitry provides for cascading coun-
ters for n-bit synchronous applications without additional
gating Instrumental in accomplishing this function are two
count-enable inputs and a ripple carry output Both count-
enable inputs (P and T) must be high to count and input T is
fed forward to enable the ripple carry output The ripple car-
ry output thus enabled will produce a high-level output pulse
with a duration approximately equal to the high-level portion
of the QA output This high-level overflow ripple carry pulse
can be used to enable successive cascaded stages High-
to-low-level transitions at the enable P or T inputs of the 161
through 163 may occur regardless of the logic level on the
clock
Features
Y
Synchronously programmable
Y
Internal look-ahead for fast counting
Y
Carry output for n-bit cascading
Y
Synchronous counting
Y
Load control line
Y
Diode-clamped inputs
Connection Diagram
Dual-In-Line Package
TLF6551 – 1
Order Number DM54161J DM54161W
DM74161N or DM74163N
See NS Package Number J16A N16E or W16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


유사한 부품 번호 - DM54161

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DM54161 TI1-DM54161 Datasheet
426Kb / 12P
Synchronous 4-Bit Counters
logo
National Semiconductor ...
DM54161A NSC-DM54161A Datasheet
211Kb / 8P
SYNCHRONOUS 4-BIT COUNTERS
DM54161AJ NSC-DM54161AJ Datasheet
211Kb / 8P
SYNCHRONOUS 4-BIT COUNTERS
DM54161AW NSC-DM54161AW Datasheet
211Kb / 8P
SYNCHRONOUS 4-BIT COUNTERS
logo
Texas Instruments
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
Synchronous 4-Bit Counters
More results

유사한 설명 - DM54161

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI-SN54160 Datasheet
756Kb / 23P
SYNCHRONOUS 4-BIT COUNTERS
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54161 NSC-54161 Datasheet
211Kb / 8P
SYNCHRONOUS 4-BIT COUNTERS
logo
Texas Instruments
SNJ54LS163AJ TI-SNJ54LS163AJ Datasheet
1Mb / 25P
SYNCHRONOUS 4-BIT COUNTERS
logo
Aeroflex Circuit Techno...
UT54ACS163 AEROFLEX-UT54ACS163 Datasheet
255Kb / 10P
4-Bit Synchronous Counters
logo
Texas Instruments
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
Synchronous 4-Bit Counters
SN54ALS561A TI1-SN54ALS561A_11 Datasheet
310Kb / 13P
SYNCHRONOUS 4-BIT COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
SYNCHRONOUS 4-BIT COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10