전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMN65D8LDW 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 DMN65D8LDW
상세설명  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN65D8LDW 데이터시트(HTML) 4 Page - Diodes Incorporated

  DMN65D8LDW Datasheet HTML 1Page - Diodes Incorporated DMN65D8LDW Datasheet HTML 2Page - Diodes Incorporated DMN65D8LDW Datasheet HTML 3Page - Diodes Incorporated DMN65D8LDW Datasheet HTML 4Page - Diodes Incorporated DMN65D8LDW Datasheet HTML 5Page - Diodes Incorporated DMN65D8LDW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN65D8LDW
Document number: DS35500 Rev. 8 - 2
4 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMN65D8LDW
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1.0
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 7 Diode Forward Voltage vs. Current
T = 25°C
A
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
1
10
100
1,000
0
10
20
30
40
50
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 8 Typical Drain-Source Leakage Current vs. Voltage
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 9 Typical Junction Capacitance
Ciss
C
oss
Crss
f = 1MHz
0.000001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
0.001
0.01
0.1
1
t1, PULSE DURATION TIME (sec)
Fig. 10 Transient Thermal Resistance
R
= r
* R
JA(t)
(t)
JA
JA
R
= 318 C/W
Duty Cycle, D = t1/t2
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com