전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC8032A 데이터시트(PDF) 13 Page - List of Unclassifed Manufacturers

부품명 ADC8032A
상세설명  Analog Composite to SDI Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

ADC8032A 데이터시트(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ADC8032A Datasheet HTML 9Page - List of Unclassifed Manufacturers ADC8032A Datasheet HTML 10Page - List of Unclassifed Manufacturers ADC8032A Datasheet HTML 11Page - List of Unclassifed Manufacturers ADC8032A Datasheet HTML 12Page - List of Unclassifed Manufacturers ADC8032A Datasheet HTML 13Page - List of Unclassifed Manufacturers ADC8032A Datasheet HTML 14Page - List of Unclassifed Manufacturers ADC8032A Datasheet HTML 15Page - List of Unclassifed Manufacturers ADC8032A Datasheet HTML 16Page - List of Unclassifed Manufacturers ADC8032A Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Board Installation
Use the following steps to install the ADC-8032A in a RossGear 8000 series digital distribution frame:
1. Refer to the User Manual of the RossGear 8000 series frame, to ensure that the
frame is properly installed according to instructions. If this module is to be installed
in any compatible frame other than a Ross Video product, refer to the frame
manufacturer’s manual for specific instructions.
2. Please note that heat and power distribution requirements within a frame may dictate
specific slot placement of cards. Cards with many heat-producing components
should be arranged to avoid areas of excess heat build-up, particularly in frames
using convectional cooling.
3. After selecting the desired frame installation slot, hold the ADC-8032A card by the
edges and carefully align the card edges with the slots in the frame. Then fully insert
the card into the frame until the rear connection plug is properly seated.
Cable Connections
This section provides instructions for connecting cables to the ADC-8032A when mounted in
RossGear 8000 series Digital Products Frames. See the following frame rear panel diagram for BNC
input and output designations:
1
IN
3
5
7
2
4
6
8
Analog
Composite
Video In
Not Used
Comlink
Color Black
Reference In
TTL Tracking
Delay Pulse
SDI Out 2
SDI Out 1
SDI Out 3
SDI Out 4
Figure 3. ADC-8032A BNC Designations for RossGear Frames
Connect the BNC cables as follows:
1. Connect the Analog Composite IN BNC connector to the output of your analog
composite device.
2. Connect BNCs 1 through 4 to the inputs of four component SDI devices.
3. Connect BNC 6 to any device that needs to track the video delay through the 8032A
or 8032A-S. (RossGear ADL-8520 AES/EBU Auto Tracking Audio Delay)
The TTL Tracking Delay Pulse is a positive 5V pulse. Its width tracks the video
delay as it passes through the card. The ADC-8032A TTL pulse tracks up to 2 video
lines, the ADC-8032A-S up to 2 fields.
4. If you wish to use the Comlink functionality, connect the BNC end of the Comlink
adapter cable (not supplied) to BNC 7. See Chapter 6, “Comlink” for details on this
optional feature.
5. Connect a video reference one of two ways:
ADC-8032A User Manual (Iss. 04)
Installation and Setup
• 2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com