전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ELH227M350AS2 데이터시트(PDF) 16 Page - Kemet Corporation

부품명 ELH227M350AS2
상세설명  Snap-In Aluminum Electrolytic Capacitors ELH Series
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH227M350AS2 데이터시트(HTML) 16 Page - Kemet Corporation

Back Button ELH227M350AS2 Datasheet HTML 12Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 13Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 14Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 15Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 16Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 17Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 18Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 19Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 20Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
Application and Operation Guidelines
Electrical Ratings:
Capacitance (ESC)
Simplified equivalent circuit diagram of an electrolytic capacitor
The capacitive component of the equivalent series circuit (Equivalent Series Capacitance ESC) is determined by applying an alternate
voltage of ≤ 0.5 V at a frequency of 120 or 100 Hz and 20°C (IEC 384-1, 384-4).
Temperature Dependence of the Capacitance
Capacitance of an electrolytic capacitor depends upon
temperature: with decreasing temperature the viscosity of the
electrolyte increases, thereby reducing its conductivity.
Capacitance will decrease if temperature decreases.
Furthermore, temperature drifts cause armature dilatation and,
therefore, capacitance changes (up to 20% depending on the
series considered, from 0 to 80°C). This phenomenon is more
evident for electrolytic capacitors than for other types.
Frequency Dependence of the Capacitance
Effective capacitance value is derived from the impedance
curve, as long as impedance is still in the range where the
capacitance component is dominant.
C =
1
C = Capacitance (F)
2π fZ
f = Frequency (Hz)
Z = Impedance (Ω)
Capacitance Change vs. Temperature
(typical value)
Temperature (°C)
Capacitance Change vs. Frequency
(typical value)
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com