| 전자부품 데이터시트 검색엔진 |
|
LF06P2 데이터시트(PDF) 1 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LF06P2 데이터시트(HTML) 1 Page - OSRAM GmbH |
|
1 / 6 page ![]() www.osram.com/flex Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect st atistical figures and do not necessarily correspond to the actual parameters of each single product which could differ from the typical data. Subject to change without notice. Errors and omissions excepted. Version: 2016-04-07 01 LINEARLIGHT POWER FLEX LF06P2 TECHNICAL DATASHEET Key Features & Benefits ‒ High-intensity LED light source ‒ Linear separable LED strip on flexible printed circuit board with self-adhesive back ‒ High quality single PCB from continuous reel-to-reel production for improved reliability ‒ Current control technology for constant flux level along the module ‒ Fine white binning (3 steps MacAdam ellipse) ‒ PWM Dimmable Possible Applications ‒ Architectural lighting / integration Coves, hand rails, walls, edge coupling, et.al. ‒ Object lighting / integration ‒ Signage application QUICK REFERENCE Product Order Code Color K V W/m lm/m lm/W Beam Angle (°) Shipping Units LF06P2-W5F-824 4052899942769 white 2400 24 18.2 1600 88 120 8 LF06P2-W5F-827 4008321971272 white 2700 24 22.7 1600 70 120 8 LF06P2-W5F-830 4008321971296 white 3000 24 22.7 1720 76 120 8 LF06P2-W5F-840 4008321971319 white 4000 24 22.7 1850 81 120 8 LF06P2-W5F-850 4008321971791 white 5000 24 22.7 1850 81 120 8 LF06P2-W5F-865 4008321971333 white 6500 24 22.7 1850 81 120 8 |
유사한 부품 번호 - LF06P2 |
|
유사한 설명 - LF06P2 |