전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8ETL06 데이터시트(PDF) 1 Page - International Rectifier

부품명 8ETL06
상세설명  Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

8ETL06 데이터시트(HTML) 1 Page - International Rectifier

  8ETL06 Datasheet HTML 1Page - International Rectifier 8ETL06 Datasheet HTML 2Page - International Rectifier 8ETL06 Datasheet HTML 3Page - International Rectifier 8ETL06 Datasheet HTML 4Page - International Rectifier 8ETL06 Datasheet HTML 5Page - International Rectifier 8ETL06 Datasheet HTML 6Page - International Rectifier 8ETL06 Datasheet HTML 7Page - International Rectifier 8ETL06 Datasheet HTML 8Page - International Rectifier 8ETL06 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
8ETL06
8ETL06S
8ETL06-1
8ETL06FP
Bulletin PD-20698 rev. B 02/04
• Benchmark Ultra-low Forward Voltage Drop
• Hyperfast Recovery Time
• Low Leakage Current
• 175°C Operating Junction Temperature
• Fully Isolated package (V
INS = 2500 VRMS)
• UL E78996 approved
Features
Description
Ultra-low V
F Hyperfast Rectifier for Discontinuous Mode PFC
State of the art, ultra-low VF, soft-switching Hyperfast Rectifiers optimized for Discontinuous (Critical) Mode (DCM)
Power Factor Correction (PFC).
The minimised conduction loss, optimized stored charge and low recovery current minimize the switching losses and
reduce over dissipation in the switching element and snubbers.
The device is also intended for use as a free wheeling diode in power supplies and other power switching
applications.
8ETL06
TO-220AC
Case Styles
8ETL06S
D2PAK
8ETL06-1
TO-262
Anode
1
3
Base
Cathode
2
N/C
Anode
1
3
Cathode
Base
Cathode
2
Anode
1
3
2
N/C
Applications
AC-DC SMPS 70W-400W
e.g. Laptop & Printer AC Adaptors, Desktop PC, TV & Monitor, Games units and DVD AC-DC power supplies.
VF = 0.96V typ.
IF(AV) = 8Amp
VR = 600V
8ETL06FP
TO-220 FULLPACK
Anode
1
3
Cathode
www.irf.com
Absolute Maximum Ratings
VRRM
Peak Repetitive Reverse Voltage
600
V
IF(AV)
AverageRectifiedForwardCurrent @ TC = 160°C
8
A
@ TC = 142°C (FULLPACK)
IFSM
Non Repetitive Peak Surge Current @ TJ = 25°C
175
IFM
Peak Repetitive Forward Current
16
TJ, TSTG
Operating Junction and Storage Temperatures
- 65 to 175
°C
Parameters
Max
Units


유사한 부품 번호 - 8ETL06

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
8ETL06 VISHAY-8ETL06 Datasheet
121Kb / 7P
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
23-Jun-08
logo
Inchange Semiconductor ...
8ETL06 ISC-8ETL06 Datasheet
239Kb / 2P
Ultrafast Rectifier
logo
International Rectifier
8ETL06-1 IRF-8ETL06-1 Datasheet
289Kb / 8P
Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
8ETL06-1 VISHAY-8ETL06-1 Datasheet
125Kb / 7P
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
08-Sep-08
logo
International Rectifier
8ETL06-1PBF IRF-8ETL06-1PBF Datasheet
289Kb / 8P
Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
More results

유사한 설명 - 8ETL06

제조업체부품명데이터시트상세설명
logo
International Rectifier
15ETL06 IRF-15ETL06 Datasheet
205Kb / 9P
Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
8ETL06SPBF IRF-8ETL06SPBF Datasheet
289Kb / 8P
Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
8ETL06PBF IRF-8ETL06PBF Datasheet
236Kb / 8P
Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06PBF IRF-15ETL06PBF Datasheet
236Kb / 8P
Ultra-low V Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
8ETL06PBF VISHAY-8ETL06PBF Datasheet
123Kb / 7P
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
08-Apr-08
8ETL06S VISHAY-8ETL06S Datasheet
125Kb / 7P
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
08-Sep-08
logo
International Rectifier
15ETL06 IRF-15ETL06_06 Datasheet
383Kb / 11P
Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
VS-8ETL06SHM3 VISHAY-VS-8ETL06SHM3 Datasheet
163Kb / 7P
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, FRED
04-Apr-18
VS-8ETL06-M3 VISHAY-VS-8ETL06-M3 Datasheet
153Kb / 7P
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt®
23-Nov-17
VS-15ETL06S-M3 VISHAY-VS-15ETL06S-M3 Datasheet
217Kb / 8P
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
24-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com