| 전자부품 데이터시트 검색엔진 |
|
74FCT162H244CTPVC/PVCT 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
74FCT162H244CTPVC/PVCT 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 15 page ![]() CY74FCT16244T CY74FCT162244T CY74FCT162H244T 2 Maximum Ratings [3,4] (Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. –55 °C to +125°C Ambient Temperature with Power Applied............................................. –55 °C to +125°C DC Input Voltage ........................................... –0.5V to +7.0V DC Output Voltage......................................... –0.5V to +7.0V DC Output Current (Maximum Sink Current/Pin) ........................–60 to +120 mA Power Dissipation .......................................................... 1.0W Static Discharge Voltage............................................>2001V (per MIL-STD-883, Method 3015) Notes: 1. On CY74FCT162H244T these pins have “bus hold.” 2. H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care. Z = High Importance. 3. Operation beyond the limits set forth may impair the useful life of the device. Unless otherwise noted, these limits are over the operating free-air temperature range. 4. Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground. Pin Description Name Description OE Three-State Output Enable Inputs (Active LOW) A Data Inputs[1] Y Three-State Outputs Function Table[2] Inputs Outputs OE A Y L L L L H H H X Z Ordering Range Range Ambient Temperature VCC Industrial – 40 °C to +85°C 5V ± 10% Electrical Characteristics Over the Operating Range Parameter Description Test Conditions Min. Typ.[5] Max. Unit VIH Input HIGH Voltage 2.0 V VIL Input LOW Voltage 0.8 V VH Input Hysteresis[6] 100 mV VIK Input Clamp Diode Voltage VCC=Min., IIN=–18 mA –0.7 –1.2 V IIH Input HIGH Current Standard VCC=Max., VI=VCC ±1 µA Bus Hold ±100 IIL Input LOW Current Standard VCC=Max., VI=GND ±1 µA Bus Hold ±100 µA IBBH IBBL Bus Hold Sustain Current on Bus Hold Input[7] VCC=Min. VI=2.0V –50 µA VI=0.8V +50 IBHHO IBHLO Bus Hold Overdrive Current on Bus Hold Input[7] VCC=Max., VI=1.5V TBD mA IOZH High Impedance Output Current (Three-State Output pins) VCC=Max., VOUT=2.7V ±1 µA IOZL High Impedance Output Current (Three-State Output pins) VCC=Max., VOUT=0.5V ±1 µA IOS Short Circuit Current[8] VCC=Max., VOUT=GND –80 –140 –200 mA IO Output Drive Current[8] VCC=Max., VOUT=2.5V –50 –180 mA IOFF Power-Off Disable VCC=0V, VOUT≤4.5V [9] ±1 µA |