| 전자부품 데이터시트 검색엔진 |
|
AM5K2E02 데이터시트(PDF) 45 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5K2E02 데이터시트(HTML) 45 Page - Texas Instruments |
|
45 / 252 page ![]() AM5K2E04, AM5K2E02 www.ti.com SPRS864D – NOVEMBER 2012 – REVISED MARCH 2015 SIGNAL NAME BALL NUMBER SIGNAL NAME BALL NUMBER SIGNAL NAME BALL NUMBER VNWA3 AD23 VSS W11, W13, W15, W17, W19, VSS AN4, AN7, AN10, AN13, AN16, W21, W23, W25, W27, Y8, Y10, AN19, AN22, AN25, AN28, VNWA4 AD9 Y12, Y14, Y16, Y18, Y20, Y22, AN31, AN33 Y24, Y26, Y28, AA4, AA7, AA9, VPP0 K9 AA11, AA13, AA15, AA17, AA19, VPP1 M9 VSSCMON J9 AA21, AA23 VSS A1, A33, C5, C9, C14, C19, C23, VSS AA25, AA27, AA32, AB8, AB10, VSSTMON K26 C27, C29, D3, D7, D11, D17, AB12, AB14, AB16, AB18, AB20, XFICLKN AJ12 D21, D25, D31, F4, F6, F8, F10, AB22, AB24, AB26, AB28, AC7, F12, F14, F16, F18, F20, F22, AC9, AC11, AC13, AC15, AC17, XFICLKP AJ11 F24, F26, F28, F30, G7, G9, AC19, AC21, AC23, AC25 XFIMDCLK AF6 G11, G13, G15, G17 VSS G19, G21, G23, G25, G27, G29, VSS AC27, AD5, AD8, AD10, AD12, XFIMDIO AE7 G31, H8, H10, H12, H14, H16, AD14, AD16, AD18, AD20, XFIREFRES0 AG10 H18, H20, H22, H24, H26, H28, AD22, AD24, AD26, AD28, AE9, J3, J7, J11, J13, J15, J17, J19, AE11, AE13, AE15, AE17, AE19, XFIREFRES1 AH7 J21, J23, J25, J27, K10, K12, AE21, AE23, AE25, AE27, AE32 XFIRXN0 AN11 K14, K16, K18 VSS K20, K22, K24, K28, L7, L9, L11, VSS AF8, AF10, AF12, AF14, AF16, XFIRXN1 AM10 L13, L15, L17, L19, L21, L23, AF18, AF20, AF22, AF24, AF26, XFIRXP0 AN12 L25, L27, M1, M8, M10, M12, AF28, AG7, AG9, AG11, AG13, M14, M16, M18, M20, M22, M24, AG15, AG17, AG19, AG21, XFIRXP1 AM11 M26, M28, N2, N7, N9, N11, AG23, AG25, AG27, AH8, AH10 XFITXN0 AL12 N13, N15, N17 VSS N19, N21, N23, N25, N27, N32, VSS AH12, AH14, AH16, AH18, XFITXN1 AK11 P8, P10, P12, P14, P16, P18, AH20, AH22, AH24, AH26, XFITXP0 AL11 P20, P22, P24, P26, P28, R1, AH28, AJ4, AJ6, AJ9, AJ13, R7, R9, R11, R13, R15, R17, AJ16, AJ19, AJ21, AJ23, AJ29, XFITXP1 AK10 R19, R21, R23, R25, R27, T2, AK3, AK6, AK9, AK12, AK15, T8, T10, T12, T14 AK18, AK21, AK24 VSS T16, T18, T20, T22, T24, T26, VSS AK27, AK30, AL4, AL7, AL10, T28, U3, U7, U9, U11, U13, U15, AL13, AL16, AL19, AL22, AL25, U17, U19, U21, U23, U25, U27, AL28, AL31, AM1, AM3, AM6, U32, V1, V8, V10, V12, V14, AM9, AM12, AM15, AM18, V16, V18, V20, V22, V24, V26, AM21, AM24, AM27, AM30, AN1, V28, W2, W9 AN2 Copyright © 2012–2015, Texas Instruments Incorporated Terminals 45 Submit Documentation Feedback Product Folder Links: AM5K2E04 AM5K2E02 |