전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DP83266VF 데이터시트(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 DP83266VF
상세설명  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF 데이터시트(HTML) 15 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 11Page - National Semiconductor (TI) DP83266VF Datasheet HTML 12Page - National Semiconductor (TI) DP83266VF Datasheet HTML 13Page - National Semiconductor (TI) DP83266VF Datasheet HTML 14Page - National Semiconductor (TI) DP83266VF Datasheet HTML 15Page - National Semiconductor (TI) DP83266VF Datasheet HTML 16Page - National Semiconductor (TI) DP83266VF Datasheet HTML 17Page - National Semiconductor (TI) DP83266VF Datasheet HTML 18Page - National Semiconductor (TI) DP83266VF Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 152 page
background image
40 FDDI MAC Facilities (Continued)
Frames Generated Externally
The Ring Engine transmits frames passed to it from the Sys-
tem Interface The data portion of the frame is created by
the System Interface The data portion begins with the FC
field and ends with the last byte of the INFO field The FC
field is passed transparently to the ring The length bit in the
FC field is used to determine the length of the transmitted
addresses The data is passed as a byte stream across the
MAC Request Interface as shown in Table 4-5
TABLE 4-5 Frame Formats
Field
Size
MA
Request
PH
Request
(bytes)
PA
t
8 s40
Idle Pairs
SD
1
JK
FC
1
FC
FC
DA
2 or 6
DA
DA
SA
2 or 6
SA
MSA MLA or SA
INFO
t
0
INFO
INFO
FCS
4 if present
FCS
FCS
ED
1
TR
FS
1
RR
Before the frame is transmitted the Ring Engine inserts the
Start of Frame Sequence with at least 8 bytes of Preamble
but no more than 40 bytes of Preamble The starting delimi-
ter is transmitted as a JK symbol pair The Source Address
is normally transmitted by the Ring Engine since it uses the
Source Address to determine when to strip a frame from the
ring This can be overridden by using the Source Address
transparency capability Similarly the Frame Check Se-
quence (4 bytes) is normally transmitted by the Ring Engine
This can be overridden with the FCS transparency capabili-
ty With FCS transparency the FCS is transmitted from the
data stream The End of Frame Sequence is always trans-
mitted by the Ring Engine as TR RR
Frames Generated by Ring Engine
The Ring Engine generates and detects several frames in
order to attain and maintain an operational ring
Void Frames
Void frames are used during normal operation The Ring
Engine generates two types of void frames regular Void
frames and My
Void frames
If Short addressing is enabled Void frames with the short
address (MSA) are transmitted Otherwise Void frames with
the long address (MLA) are transmitted Table 4-6 shows
the Void frame format
Void frames are transmitted in order to reset the Valid
Transmission timers (TVX) in other stations to eliminate un-
necessary entry to the Claim state Stations are not required
to copy Void frames Void frames are transmitted by the
Ring Engine in two situations
1 While holding a token when no data is ready to be trans-
mitted
2 After a frame transmission is aborted
My
Void frames are transmitted by the Ring Engine in
three situations
1 After a request to measure the Ring Latency has been
made and the next early token is captured
2 After this station wins the Claim process and before the
token is issued
3 After a frame has been transmitted with the STRIP op-
tion and before the token for that service opportunity is
issued
Void frames are also detected by the Ring Engine A Void
frame with a Source Address other than MSA or MLA is
considered an Other
Void frame
Claim Frames
Claim frames are generated continuously with minimum pre-
amble while the Ring Engine is in the Transmit Claim state
The format of Claim frames generated by the Ring Engine is
shown in Table 4-7 When long addressing is enabled
frames with the long address (MLA) are transmitted Other-
wise frames with the short address (MSA) are transmitted
The Ring Engine detects reception of valid Claim frames A
comparison is performed between the first four bytes of the
received INFO field and the value of TREQ programmed in
the parameter RAM in order to distinguish Higher
Claim
Lower
Claim Duplicate
Claim and My
Claim
Beacon Frames
Beacon frames are transmitted continuously with minimum
preamble when the Ring Engine is in the Transmit Beacon
state The format of Beacon frames generated by the Ring
Engine is shown in Table 4-8 When long addressing is en-
abled frames with the long address (MLA) are transmitted
Otherwise frames with the short address (MSA) are trans-
mitted
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com