전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DP83820 데이터시트(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 DP83820
상세설명  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 데이터시트(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 17Page - National Semiconductor (TI) DP83820 Datasheet HTML 18Page - National Semiconductor (TI) DP83820 Datasheet HTML 19Page - National Semiconductor (TI) DP83820 Datasheet HTML 20Page - National Semiconductor (TI) DP83820 Datasheet HTML 21Page - National Semiconductor (TI) DP83820 Datasheet HTML 22Page - National Semiconductor (TI) DP83820 Datasheet HTML 23Page - National Semiconductor (TI) DP83820 Datasheet HTML 24Page - National Semiconductor (TI) DP83820 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
3.0 Functional Description (Continued)
21
www.national.com
Table 3-6 Transmit
extsts Bit Definitions
Table 3-7 Receive
extsts Bit Definitions
bit
tag
description
usage
31-22
unused
21
UDPPKT
UDP Packet
Indicates packet contains a UDP header and enables
checksum generation for the UDP header if Checksumming
is enabled on a per-packet basis.
20
unused
19
TCPPKT
TCP Packet
Indicates packet contains a TCP header and enables
checksum generation for the TCP header if Checksumming
is enabled on a per-packet basis.
18
unused
17
IPPKT
IP Packet
Indicates packet contains a IP header and enables
checksum generation for the IP header if Checksumming is
enabled on a per-packet basis.
16
VPKT
VLAN Packet
Insert VLAN tag.
15-0
VTCI
VLAN Tag Control
Information
This is the VLAN TCI field to be inserted in the packet if the
VPKT bit is set.
bit
tag
description
usage
31-23
unused
22
UDPERR
UDP Checksum Error
Indicates a checksum error was detected in the UDP header.
21
UDPPKT
UDP Packet
Indicates an UDP header was detected for the packet.
20
TCPERR
TCP Checksum Error
Indicates a checksum error was detected in the TCP header.
19
TCPPKT
TCP Packet
Indicates an TCP header was detected for the packet.
18
IPERR
IP Checksum Error
Indicates a checksum error was detected in the IP header.
17
IPPKT
IP Packet
Indicates an IP header was detected for the packet.
16
VPKT
VLAN Packet
Packet contained a VLAN tag. This bit will be set if VLAN
packet detection is enabled and the packet contained the
correct type value.
15-0
VTCI
VLAN Tag Control
Information
This is the VLAN TCI field to be extracted from the packet. It
contains the user_priority, CFI, and VID fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87