전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G06GV 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74LVC2G06GV
상세설명  Inverters with open-drain outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G06GV 데이터시트(HTML) 5 Page - NXP Semiconductors

  74LVC2G06GV Datasheet HTML 1Page - NXP Semiconductors 74LVC2G06GV Datasheet HTML 2Page - NXP Semiconductors 74LVC2G06GV Datasheet HTML 3Page - NXP Semiconductors 74LVC2G06GV Datasheet HTML 4Page - NXP Semiconductors 74LVC2G06GV Datasheet HTML 5Page - NXP Semiconductors 74LVC2G06GV Datasheet HTML 6Page - NXP Semiconductors 74LVC2G06GV Datasheet HTML 7Page - NXP Semiconductors 74LVC2G06GV Datasheet HTML 8Page - NXP Semiconductors 74LVC2G06GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2004 Sep 10
5
Philips Semiconductors
Product specification
Inverters with open-drain outputs
74LVC2G06
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+6.5
V
IIK
input diode current
VI <0V
−−50
mA
VI
input voltage
note 1
−0.5
+6.5
V
IOK
output diode current
VO <0V
−−50
mA
VO
output voltage
active mode; notes 1 and 2
−0.5
6.5
V
Power-down mode; notes 1 and 2
−0.5
+6.5
V
IO
output source or sink current
VO =0Vto6.5 V
−
50
mA
ICC, IGND
VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 °C to +125 °C
−
300
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14