전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74FCT240 데이터시트(PDF) 10 Page - Texas Instruments

부품명 CD74FCT240
상세설명  BiCMOS OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT240 데이터시트(HTML) 10 Page - Texas Instruments

Back Button CD74FCT240_16 Datasheet HTML 4Page - Texas Instruments CD74FCT240_16 Datasheet HTML 5Page - Texas Instruments CD74FCT240_16 Datasheet HTML 6Page - Texas Instruments CD74FCT240_16 Datasheet HTML 7Page - Texas Instruments CD74FCT240_16 Datasheet HTML 8Page - Texas Instruments CD74FCT240_16 Datasheet HTML 9Page - Texas Instruments CD74FCT240_16 Datasheet HTML 10Page - Texas Instruments CD74FCT240_16 Datasheet HTML 11Page - Texas Instruments CD74FCT240_16 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(9.3)
18X (1.27)
20X (0.6)
20X (2)
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SYMM
SYMM
1
10
11
20
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:6X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12