| 전자부품 데이터시트 검색엔진 |
|
10ETF10STRR 데이터시트(PDF) 7 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
10ETF10STRR 데이터시트(HTML) 7 Page - International Rectifier |
|
7 / 8 page ![]() 7 10ETF..S QUIET IR Series I2140 rev. A 12/99 www.irf.com Dimensions in millimeters and inches TR R F E E D DIRE CT IO N TR L F E E D D IRE CT I O N 10 .9 0 (0.4 29) 10 .7 0 (0.4 21) 16 .1 0 (0.6 34) 15 .9 0 (0.6 26) 1. 75 (0 .0 6 9 ) 1. 25 (0 .0 4 9 ) 1. 85 (0 .0 73) 1. 65 (0 .0 65) 4. 10 (0. 161) 3. 90 (0. 153) 1. 60 (0. 063) 1. 50 (0. 059) DI A . 1. 60 (0. 063) 1. 50 (0. 059) DIA . 1 1 .6 0 (0 .4 5 7 ) 1 1 .4 0 (0 .4 4 9 ) 15 .4 2 (0.6 09) 15 .2 2 (0.6 01) 4. 72 (0 .1 8 6 ) 4. 52 (0 .1 7 8 ) 2 4 .3 0 (0 .9 5 7 ) 2 3 .9 0 (0 .9 4 1 ) 0.3 68 (0 . 014 5) 0.3 42 (0 . 013 5) 360 (1 4.173) DI A . M A X . 26 .4 0 (1 .039 ) 24 .4 0 (0 .961 ) 13 .5 0 (0 . 532) 12 .8 0 (0 . 504) DI A . 6 0 (2 .3 6 2 ) DIA . MIN. SMD- 220 Tap e & Ree l W h en ordering, indic at e th e part num ber, part orie ntat ion, and t h e quant ity . Qu antitie s are in m u lt ip le s of 800 p iec es p e r reel fo r bo th T R L and T R R . Tape & Reel Information 9G3A 10ETF06S 9512 EXAMPLE: THIS IS AN 10ETF06S INTERNATIONAL RECTIFIER LOGO PART NUMBER Marking Information DATE CODE (YYWW) YY = YEAR WW = WEEK ASSEMBLY LOT CODE 1 + 3 2 BASE -- (K) (A) (A) (A) (A) (K) |