전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1985 데이터시트(PDF) 35 Page - Analog Devices

부품명 AD1985
상세설명  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1985 데이터시트(HTML) 35 Page - Analog Devices

Back Button AD1985 Datasheet HTML 31Page - Analog Devices AD1985 Datasheet HTML 32Page - Analog Devices AD1985 Datasheet HTML 33Page - Analog Devices AD1985 Datasheet HTML 34Page - Analog Devices AD1985 Datasheet HTML 35Page - Analog Devices AD1985 Datasheet HTML 36Page - Analog Devices AD1985 Datasheet HTML 37Page - Analog Devices AD1985 Datasheet HTML 38Page - Analog Devices AD1985 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
AD1985
Rev. A | Page 35 of 48
Jack Sense/General Register (Index 0x70)
Reg Num
Name
D15 D14 D13 D12 D11 D10 D9 D8 D7
D6
D5 D4 D3 D2 D1 D0 Default
0x70
J Sense/General
X
X
X
X
X
X
X
X
MMDIS
JS2SEL
X
X
X
X
X
X
N/A
JS2SEL
Selects JS2 Input Behavior.
0: Standard operation for JS2 jack sensing (default).
1: Enable microphone input sensing with JS2.
MMDIS
Mono Mute Disable.
0: Use JSMT[2:0] (Register 0x72) to determine mono out operation (default).
1: Independent of the settings in the JSMT table, this ensures mono out remains active all the time.
X
Reserved, Do Not Read/Write These Bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48