전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1985JST 데이터시트(PDF) 22 Page - Analog Devices

부품명 AD1985JST
상세설명  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1985JST 데이터시트(HTML) 22 Page - Analog Devices

Back Button AD1985JST Datasheet HTML 18Page - Analog Devices AD1985JST Datasheet HTML 19Page - Analog Devices AD1985JST Datasheet HTML 20Page - Analog Devices AD1985JST Datasheet HTML 21Page - Analog Devices AD1985JST Datasheet HTML 22Page - Analog Devices AD1985JST Datasheet HTML 23Page - Analog Devices AD1985JST Datasheet HTML 24Page - Analog Devices AD1985JST Datasheet HTML 25Page - Analog Devices AD1985JST Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
AD1985
Rev. A | Page 22 of 48
Record Select Control Register (Index 0x1A)
Reg Num
Name
D15
D14 D13 D12 D11 D10 D9
D8
D7 D6 D5 D4 D3 D2
D1
D0
Default
0x1A
Record Select
X
X
X
X
X
LS2
LS1 LS0 X
X
X
X
X
RS2
RS1
RS0
0x0000
This register is used to select the record source, independently for the right and left channels.
For single MIC recording, see the MS bit (Register 0x20) for MIC1 and MIC2 input selection.
For dual MIC recording, see the 2CMIC bit (Register 0x76) to enable simultaneous recording into L/R channels.
For output line sharing for the microphones, see the OMS bit (Register 0x74) to swap between the MIC1/MIC2 and C/LFE pins.
The default value is 0x0000, which corresponds to the MIC input for both channels.
RS[2:0]
Right Record Select: See table below.
LS[2:0]
Left Record Select: See table below.
LS[2:0]
Left Record Select
OMS
2CMIC
MS
0
0
0
MIC1 (mono)
0
0
1
MIC2 (mono)
0
1
0
MIC1 (stereo)
0
1
1
MIC2 (stereo)
1
0
0
CENTER (mono)
1
0
1
LFE (mono)
1
1
0
CENTER (stereo)
0
1
1
1
LFE (stereo)
1
CD_IN (left)
2
Muted
3
AUX_IN (left)
4
LINE_IN (left)
5
Stereo Mix (left)
6
Mono Mix (mono)
7
PHONE_IN (mono)
RS[2:0]
Right Record Select
OMS
2CMIC
MS
0
0
0
MIC1 (mono)
0
0
1
MIC2 (mono)
0
1
0
MIC2 (stereo)
0
1
1
MIC1 (stereo)
1
0
0
CENTER (mono)
1
0
1
LFE (mono)
1
1
0
LFE (stereo)
0
1
1
1
CENTER (stereo)
1
CD_IN (right)
2
Muted
3
AUX_IN (right)
4
LINE_IN (right)
5
Stereo Mix (right)
6
Mono Mix (mono)
7
PHONE_IN (mono)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48