| 전자부품 데이터시트 검색엔진 |
|
DRV593VFPR 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DRV593VFPR 데이터시트(HTML) 3 Page - Texas Instruments |
|
3 / 27 page ![]() DRV593 DRV594 www.ti.com SLOS401C – OCTOBER 2002 – REVISED JULY 2010 ELECTRICAL CHARACTERISTICS over operating free-air temperature range unless otherwise noted PARAMETER TEST CONDITIONS MIN TYP MAX UNIT |VOO| Output offset voltage (measured differentially) VI = VDD/2, IO = 0 A 14 100 mV |IIH| High-level input current VDD = 5.5V, VI = VDD 1 mA |IIL| Low-level input current VDD = 5.5V, VI = 0 V 1 mA Vn Integrated output noise voltage f = <1 Hz to 10 kHz 40 mV VDD = 5 V 1.2 3.8 VICM Common-mode voltage range V VDD = 3.3 V 1.2 2.1 DRV593 2.1 2.3 2.6 V/V Av Closed-loop voltage gain DRV594 13.7 14.5 15.3 V/V Full power bandwidth 60 kHz IO = ±1 A, rDS(on) = 65 mΩ, VDD = 5 V 4.87 VO Voltage output (measured differentially) V IO = ±3 A, rDS(on) = 65 mΩ, VDD = 5 V 4.61 High side 25 60 95 VDD = 5 V, IO = 4 A, m Ω TA = 25°C Low side 25 65 95 rDS(on) Drain-source on-state resistance High side 25 80 140 VDD = 3.3 V, IO = 4 A, m Ω TA = 25°C Low side 25 90 140 Maximum continuous current output 3 A Status flag output pins (FAULT0, FAULT1) Sinking 200 mA 0.1 V Fault active (open drain output) For 500 kHz operation 225 250 300 External clock frequency range kHz For 100 kHz operation 45 50 55 VDD = 5 V, No load or filter 4 12 Iq Quiescent current mA VDD = 3.3 V, No load or filter 2.5 8 Iq(SD) Quiescent current in shutdown mode VDD = 5 V, SHUTDOWN = 0.8 V 0 40 80 mA Output resistance in shutdown SHUTDOWN = 0.8 V 1 2 k Ω Power-on threshold 1.7 2.8 V Power-off threshold 1.6 2.6 V Thermal trip point FAULT0 active 128 °C Thermal shutdown Power off 158 °C ZI Input impedance (IN+, IN-) 100 k Ω Copyright © 2002–2010, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): DRV593 DRV594 |