| 전자부품 데이터시트 검색엔진 |
|
DP83901A 데이터시트(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83901A 데이터시트(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 62 page ![]() TLF10469 November 1995 DP83901A SNIC Serial Network Interface Controller General Description The DP83901A Serial Network Interface Controller (SNIC) is a microCMOS VLSI device designed for easy implementa- tion of CSMACD local area networks These include Ether- net (10BASE5) Thin Ethernet (10BASE2) and Twisted-pair Ethernet (10BASE-T) The overall SNIC solution provides the Media Access Control (MAC) and Encode-Decode (ENDEC) functions in accordance with the IEEE 8023 stan- dard The integrated ENDEC module allows Manchester encod- ing and decoding via a differential transceiver and phase lock loop at 10 Mbitsec Also included is a collision detect translator and diagnostic loopback capability (Continued) Features Y Compatible with IEEE 8023 10BASE5 10BASE2 10BASE-T Y Dual 16-byte DMA channels Y 16-byte internal FIFO Y Network statistics storage Y Supports physical multicast and broadcast address filtering Y 10 Mbitsec Manchester encoding and decoding plus clock recovery Y No external precision components required Y Efficient buffer management implementation Y Transmitter can be selected for half or full step mode Y Integrated squelch on receive and collision pairs Y 3 levels of loopback supported Y Utilizes independent system and network clocks Y Lock Time 5 bits typical Y Decodes Manchester data with up to g18 ns jitter 10 System Diagram TLF10469 – 1 TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
유사한 부품 번호 - DP83901A |
|
유사한 설명 - DP83901A |