전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ40Z50RSMR-R1 데이터시트(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ40Z50RSMR-R1
상세설명  Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMR-R1 데이터시트(HTML) 31 Page - Texas Instruments

Back Button BQ40Z50RSMR-R1 Datasheet HTML 27Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 28Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 29Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 30Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 31Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 32Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 33Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 34Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
bq40z50-R1
www.ti.com
SLUSCB3 – JULY 2015
Figure 23. FUSE Circuit
9.2.2.1.3
Lithium-Ion Cell Connections
The important part to remember about the cell connections is that high current flows through the top and bottom
connections; therefore, the voltage sense leads at these points must be made with a Kelvin connection to avoid
any errors due to a drop in the high-current copper trace. The location marked 4P in Figure 24 indicates the
Kelvin connection of the most positive battery node. The connection marked 1N is equally important. The VC5
pin (a ground reference for cell voltage measurement), which is in the older generation devices, is not in the
bq40z50-R1 device. Therefore, the single-point connection at 1N to the low-current ground is needed to avoid an
undesired voltage drop through long traces while the gas gauge is measuring the bottom cell voltage.
Figure 24. Lithium-Ion Cell Connections
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55