전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9864 데이터시트(PDF) 34 Page - Analog Devices

부품명 AD9864
상세설명  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9864 데이터시트(HTML) 34 Page - Analog Devices

Back Button AD9864 Datasheet HTML 30Page - Analog Devices AD9864 Datasheet HTML 31Page - Analog Devices AD9864 Datasheet HTML 32Page - Analog Devices AD9864 Datasheet HTML 33Page - Analog Devices AD9864 Datasheet HTML 34Page - Analog Devices AD9864 Datasheet HTML 35Page - Analog Devices AD9864 Datasheet HTML 36Page - Analog Devices AD9864 Datasheet HTML 37Page - Analog Devices AD9864 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
AD9864
NORMALIZED FREQUENCY OFFSET = (
fIN–fIF)/fCLK
–6
0.02
–12
0
0.04
0
–3
–9
0.03
0.01
–15
0.05
option, the use of 24-bit data is preferable to using the DVGA.
Table 17 indicates which AGCA values are reasonable for
various decimation factors. The white cells indicate that the
(decimation factor/AGCA) combination works well; the light gray
cells indicate ringing and an increase in the AGC settling time; and
the dark gray cells indicate that the combination results in instability
or near instability in the AGC loop. Setting AGCF = 1 improves th
time-domain behavior at the expense of increased spectral spreading.
e
Table 17. AGCA Limits if the DVGA Is Enabled
AGCA
M
4
5
6
7
8
9
10 11 12 13 14 15
60
0
120
1
300
4
540
8
900
E
Figure 63. Maximum Interferer (or Blocker) Input Level
vs. Normalized IF Frequency Offset
Table 18. SPI Registers Associated with AGC
Address
(Hex)
Bit
Breakdown
Width
Default
Value
Name
0x03
(7)
(6:0)
1
7
0
0x00
ATTEN
AGCG (14:8)
0x04
(7:0)
8
0x00
AGCG (7:0)
0x05
(7:4)
(3:0)
4
4
0
0x00
AGCA
AGCO
0x06
(7)
(6:4)
(3)
(2:0)
1
3
1
3
0
0
0
0
AGCV
AGCO
AGCF
AGCR
Finally, consider the case of a strong out-of-band interferer
(i.e., –18 dBm to –32 dBm for matched IF input) that is larger
than the target signal and large enough to be tracked by the
control loop based on the output of the DEC1. The ability of
the control loop to track this interferer and set the VGA
attenuation to prevent clipping of the ADC is limited by the
accuracy of the digital signal estimation occurring at the output
of DEC1. The accuracy of the digital signal estimation is a
function of the frequency offset of the out-of-band interferer
relative to the IF frequency as shown in Figure 60. Interferers at
increasingly higher frequency offsets incur larger measurement
errors, potentially causing the control loop to inadvertently
reduce the amount of VGA attenuation that may result in clip-
ping of the ADC. Figure 63 shows the maximum measured
interferer signal level versus the normalized IF offset frequency
(relative to fCLK) tolerated by the AD9864 relative to its maxi-
mum target input signal level (0 dBFS = –18 dBm). Note that
the increase in allowable interferer level occurring beyond
0.04 × fCLK results from the inherent signal attenuation provided
by the ADC’s signal transfer function.
SYSTEM NOISE FIGURE (NF) VERSUS VGA (OR
AGC) CONTROL
The AD9864’s system noise figure is a function of the ACG
attenuation and output signal bandwidth. Figure 64 plots the
nominal system NF as a function of the AGC attenuation for
both narrow-band (20 kHz) and wideband (150 kHz) modes
with fCLK = 18 MHz. Also shown on the plot is the SNR that
would be observed at the output for a –2 dBFS input. The high
dynamic range of the ADC within the AD9864 ensures that the
system NF increases gradually as the AGC attenuation is
increased. In narrow-band (BW = 20 kHz) mode, the system
noise figure increases by less than 3 dB over a 12 dB AGC
range, while in wideband (BW = 150 kHz) mode, the degrada-
tion is about 5 dB. As a result, the highest instantaneous
dynamic range for the AD9864 occurs with 12 dB of AGC
attenuation, since the AD9864 can accommodate an additional
12 dB peak signal level with only a moderate increase in its
noise floor.
As Figure 64 shows, the AD9864 can achieve an SNR in excess
of 100 dB in narrow-band applications. To realize the full
performance of the AD9864 in such applications, it is recom-
mended that the I/Q data be represented with 24 bits. If 16-bit
Rev. 0 | Page 34 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com