전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADCS7476 데이터시트(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 ADCS7476
상세설명  1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS7476 데이터시트(HTML) 16 Page - National Semiconductor (TI)

Back Button ADCS7476 Datasheet HTML 12Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 13Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 14Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 15Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 16Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 17Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 18Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 19Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Typical Performance Characteristics T
A = +25˚C, VDD = 3V, fSAMPLE = 1 MSPS, fSCLK = 20 MHz, fIN
= 100 kHz unless otherwise stated. (Continued)
ADCS7478 DNL
ADCS7478 INL
20057760
20057761
ADCS7478 Spectrum Response @ 100kHz Input
ADCS7478 SNR vs. f
SCLK
20057762
20057763
ADCS7478 SINAD vs. f
SCLK
20057764
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com