| 전자부품 데이터시트 검색엔진 |
|
FDC2114RGHT 데이터시트(PDF) 52 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
FDC2114RGHT 데이터시트(HTML) 52 Page - Texas Instruments |
|
52 / 61 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Jun-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples FDC2112DNTR ACTIVE WSON DNT 12 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 FDC2112 FDC2112DNTT ACTIVE WSON DNT 12 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 FDC2112 FDC2112QDNTRQ1 ACTIVE WSON DNT 12 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 FDC2112 Q1 FDC2112QDNTTQ1 ACTIVE WSON DNT 12 250 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 FDC2112 Q1 FDC2114QRGHRQ1 ACTIVE WQFN RGH 16 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 FC2114Q FDC2114QRGHTQ1 ACTIVE WQFN RGH 16 250 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 FC2114Q FDC2114RGHR ACTIVE WQFN RGH 16 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 FDC2114 FDC2114RGHT ACTIVE WQFN RGH 16 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 FDC2114 FDC2212DNTR ACTIVE WSON DNT 12 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 FDC2212 FDC2212DNTT ACTIVE WSON DNT 12 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 FDC2212 FDC2212QDNTRQ1 ACTIVE WSON DNT 12 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 FDC2212 Q1 FDC2212QDNTTQ1 ACTIVE WSON DNT 12 250 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 FDC2212 Q1 FDC2214QRGHRQ1 ACTIVE WQFN RGH 16 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 FC2214Q FDC2214QRGHTQ1 ACTIVE WQFN RGH 16 250 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 FC2214Q FDC2214RGHR ACTIVE WQFN RGH 16 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 FDC2214 FDC2214RGHT ACTIVE WQFN RGH 16 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 FDC2214 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. |