| 전자부품 데이터시트 검색엔진 |
|
FMGA-461/883 데이터시트(PDF) 7 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
FMGA-461/883 데이터시트(HTML) 7 Page - Interpoint Corporation Company |
|
7 / 14 page ![]() MODel NuMBeriNG key FMGA - 461 Z / 883 Base Model MIL-STD-461 Reference Screening (Standard screening has no designator in this position.) Gull Wing Lead Option (Straight leaded filter has no designator in this position.) DlA DrAWiNG NuMBerS DLA DrAwing (5915) FMgA SiMiLAr pArT 96003-01HYX FMGA-461/883 96003-01HZA FMGA-461Z/883 For exact specifications for a DLA Drawing product, refer to the DLA Drawing. DLA Drawings can be downloaded from: http://www.landandmaritime.dla.mil/programs/smcr MODel NuMBer OptiONS To DeTerMine The MoDeL nuMber enTer one opTion FroM eACh CATegory in The ForM beLow . CAteGOry Base Model Surface Mountable lead Configuration 1 Screening 2 OptiONS FMGA-461 (standard “flat” case B, leave blank) (standard, leave blank) Z (solder-dipped gull wings) ES 883 Fill iN FOr MODel # FMGA-461 / Notes 1. Case B, standard “flat” case, does not require a case designator in the model number. Case B with solder-dipped gull wings requires “Z” in the case designator position of the model number. 2. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening level. For more information see Table 11 on page 20 and Table 12 on page 21. table 8: mODel numbering key table 9: Dla Drawing number CrOss reFerenCe table 10: mODel number OptiOns Crane Aerospace & Electronics Power Solutions FMSA/FMGA eMi input Filters 28 VOlt iNput - 0.8 AMp www.craneae.com/interpointcom Page 7 of 14 FMSA/FMGA Rev AA - 2015.12.15 |