| 전자부품 데이터시트 검색엔진 |
|
ADS8364Y/2K 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS8364Y/2K 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 22 page ![]() ADS8364 2 SBAS219B www.ti.com MAXIMUM INTEGRAL NO MISSING SPECIFIED LINEARITY CODES PACKAGE TEMPERATURE ORDERING TRANSPORT PRODUCT ERROR (LSB) ERROR (LSB) PACKAGE-LEAD DESIGNATOR(1) RANGE NUMBER MEDIA, QUANTITY ADS8364Y ±8 14 TQFP-64 PAG –40 °C to +85°C ADS8364Y/250 Tape and Reel, 250 "" " " " " ADS8364Y/2K Tape and Reel, 2000 NOTES: (1) For the most current specifications and package information, refer to our website at www.ti.com. PACKAGE/ORDERING INFORMATION ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings over operating free-air temperature (unless otherwise noted)(1) Supply Voltage, AGND to AVDD ............................................................... –0.3V to 6V Supply Voltage, BGND to BVDD ............................................................... –0.3V to 6V Supply Voltage, DGND to DVDD .............................................................. –0.3V to 6V Analog Input Voltage Range ..................... AGND – 0.3V to AVDD + 0.3V Reference Input Voltage ........................... AGND – 0.3V to AVDD + 0.3V Digital Input Voltage Range ...................... BGND – 0.3V to BVDD + 0.3V Ground Voltage Differences, AGND to BGND/DGND ..................... ±0.3V Voltage Differences, BVDD, DVDD to AGND .......................... –0.3V to 6V Input Current ot Any Pin Except Supply ......................... –20mA to 20mA Power Dissipation ....................................... See Dissipation Rating Table Operating Virtual Junction Temperature Range, TJ ........ –40°C to 150°C Operating Free-Air Temperature Range, TA ...................... –40°C to 85°C Storage Temperature Range, TSTG .................................. –65°C to 150°C Lead Temperature 1.6mm (1/16 inch) from Case for 10sec ..................... 260 °C ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Texas Instru- ments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. NOTE: (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions of extended periods may affect device reliability. RECOMMENDED OPERATING CONDITIONS MIN NOM MAX UNIT Supply Voltage, AGND to AVDD 4.75 5 5.25 V Supply Voltage, BGND to BVDD Low-Voltage Levels 2.7 3.6 V 5V Logic Levels 4.5 5 5.5 V Supply Voltage, DGND to DVDD 4.75 5 5.25 V Difference AVDD to DVDD –0.3 0 0.3 V Reference Input Voltage 1.5 2.5 2.6 V Operating Common-Mode Signal –IN 2.2 2.5 2.8 V Analog Inputs +IN – (–IN) 0 ±V REF V Operating Junction Temperature Range, TJ –40 125 °C DERATING FACTOR TA ≤ 25°CTA = 70°CTA = 85°C ABOVE POWER POWER POWER BOARD PACKAGE RθJC RθJA TA = 25°C RATING RATING RATING Low-K(1) DGK 8.6 °C/W 68.5 °C/W 14.598mW/ °C 1824mW 1168mW 949mW High-K(2) DGK 8.6 °C/W 42.8 °C/W 23.364mw/ °C 2920mW 1869mW 1519mW NOTES: (1) The JEDEC Low K (1s) board design used to derive this data was a 3-inch x 3-inch, two-layer board with 2-ounce copper traces on top of the board. (2) The JEDEC High K (2s2p) board design used to derive this data was a 3-inch x 3-inch, multilayer board with 1-ounce internal power and ground planes and 2-ounce copper traces on the top and bottom of the board. PACKAGE DISSIPATION RATING TABLE R ON = 20Ω C (SAMPLE) = 20pF BV DD D IN BGND AV DD A IN AGND Diode Turn-on Voltage: 0.35V Equivalent Digital Input Circuit Equivalent Analog Input Circuit EQUIVALENT INPUT CIRCUIT |