전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXTP24N65X2 데이터시트(PDF) 6 Page - IXYS Corporation

부품명 IXTP24N65X2
상세설명  Preliminary Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP24N65X2 데이터시트(HTML) 6 Page - IXYS Corporation

  IXTP24N65X2 Datasheet HTML 1Page - IXYS Corporation IXTP24N65X2 Datasheet HTML 2Page - IXYS Corporation IXTP24N65X2 Datasheet HTML 3Page - IXYS Corporation IXTP24N65X2 Datasheet HTML 4Page - IXYS Corporation IXTP24N65X2 Datasheet HTML 5Page - IXYS Corporation IXTP24N65X2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA24N65X2
IXTP24N65X2
IXTH24N65X2
Pins: 1 - Gate
2 - Drain
3 - Source
TO-220 Outline
TO-263 Outline
1 = Gate
2 = Drain
3 = Source
4 = Drain
TO-247 Outline
1 - Gate
2,4 - Drain
3 - Source
E
D1
E1
D2
A1
L1
P1
C
B
A
b
b2
b4
R
D
L
e
S
A
D
C
Q
1
2
3
4
A2



Html Pages

1 2 3 4 5 6