| 전자부품 데이터시트 검색엔진 |
|
DP83950B 데이터시트(PDF) 18 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83950B 데이터시트(HTML) 18 Page - National Semiconductor (TI) |
|
18 / 80 page ![]() 30 Pin Descriptions Pin Pin Driver IO Description No Name Type NETWORK INTERFACE PINS (On-Chip Transceiver Mode) RXI2b to RXI13b TP I Twisted Pair Receive Input Negative RXI2a to RXI13a TP I Twisted Pair Receive Input Positive TXOP2b to TXOP13b TT O Twisted Pair Pre-emphasis Transmit Output Negative TXO2b to TXO13b TT O Twisted Pair Transmit Output Negative TXO2a to TXO13a TT O Twisted Pair Transmit Output Positive TXOP2a to TXOP13a TT O Twisted Pair Pre-emphasis Transmit Output Positive CD1a AL I AUI Collision Detect Input Positive CD1b AL I AUI Collision Detect Input Negative RX1a AL I AUI Receive Input Positive RX1b AL I AUI Receive Input Negative TX1a AD O AUI Transmit Output Positive TX1b AD O AUI Transmit Output Negative NETWORK INTERFACE PINS (External Transceiver Mode AUI Signal Level Compatibility Selected) TX2a to TX13a AL O T ransmit Output Positive TX2b to TX13b AL O T ransmit Output Negative CD2a to CD13a AL I C ollision Input Positive CD2b to CD13b AL I C ollision Input Negative RX2a to RX13a AL I R eceive Input Positive RX2b to RX13b AL I R eceive Input Negative CD1a AL I AUI Collision Detect Input Positive CD1b AL I AUI Collision Detect Input Negative RX1a AL I AUI Receive Input Positive RX1b AL I AUI Receive Input Negative TX1a AD O AUI Transmit Output Positive TX1b AD O AUI Transmit Output Negative Note AD e A UI level and Drive compatible TP e Twisted Pair interface compatible AL e AUI Level compatible TT e TTL compatible I e Input O e Output 18 |