| 전자부품 데이터시트 검색엔진 |
|
JM38510/30003SCA 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
JM38510/30003SCA 데이터시트(HTML) 4 Page - Texas Instruments |
|
4 / 25 page ![]() SN5404, SN54LS04, SN54S04, SN7404, SN74LS04, SN74S04 HEX INVERTERS SDLS029C − DECEMBER 1983 − REVISED JANUARY 2004 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 schematics (each gate) Input A VCC Output Y GND 130 Ω 1 k Ω 1.6 k Ω ’04 4 k Ω Input A VCC Output Y GND 20 k Ω 120 Ω ’LS04 8 k Ω 12 k Ω 1.5 k Ω 3 k Ω 4 k Ω Input A VCC Output Y GND 2.8 k Ω 900 Ω ’S04 50 Ω 3.5 k Ω 250 Ω 500 Ω Resistor values shown are nominal. |