전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM393DRE4 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM393DRE4
상세설명  Dual Differential Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM393DRE4 데이터시트(HTML) 3 Page - Texas Instruments

  LM393DRE4 Datasheet HTML 1Page - Texas Instruments LM393DRE4 Datasheet HTML 2Page - Texas Instruments LM393DRE4 Datasheet HTML 3Page - Texas Instruments LM393DRE4 Datasheet HTML 4Page - Texas Instruments LM393DRE4 Datasheet HTML 5Page - Texas Instruments LM393DRE4 Datasheet HTML 6Page - Texas Instruments LM393DRE4 Datasheet HTML 7Page - Texas Instruments LM393DRE4 Datasheet HTML 8Page - Texas Instruments LM393DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN−
NC
NC
1IN−
NC
1IN+
NC
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC
2OUT
2IN−
2IN+
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
www.ti.com
SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015
5 Pin Configuration and Functions
D, DGK, JG, P, PS, or PW
FK Package
8-Pin SOIC, VSSOP, GDIP, PDIP, SO, or TSSOP
20-Pin CQCC
Top View
Top View
NC – No internal connection
Pin Functions
PIN
SOIC, VSSOP,
I/O
DESCRIPTION
NAME
GDIP, PDIP,
LCCC
SO, or TSSOP
1OUT
1
2
Output
Output pin of comparator 1
1IN-
2
5
Input
Negative input pin of comparator 1
1IN+
3
7
Input
Positive input pin of comparator 1
GND
4
10
Input
Ground
2IN+
5
12
Input
Positive input pin of comparator 2
2IN-
6
15
Input
Negative input pin of comparator 2
2OUT
7
17
Output
Output pin of comparator 2
VCC
8
20
Input
Supply Pin
1
3
4
6
8
9
NC
N/A
No Connect (No Internal Connection)
11
13
14
16
18
19
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com