전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1798DB 데이터시트(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
부품명 PCM1798DB
상세설명  24-BIT, 192-KHZ SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCM1798DB 데이터시트(HTML) 12 Page - Texas Instruments

Back Button PCM1798DB Datasheet HTML 8Page - Texas Instruments PCM1798DB Datasheet HTML 9Page - Texas Instruments PCM1798DB Datasheet HTML 10Page - Texas Instruments PCM1798DB Datasheet HTML 11Page - Texas Instruments PCM1798DB Datasheet HTML 12Page - Texas Instruments PCM1798DB Datasheet HTML 13Page - Texas Instruments PCM1798DB Datasheet HTML 14Page - Texas Instruments PCM1798DB Datasheet HTML 15Page - Texas Instruments PCM1798DB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
PCM1798
SLES102 – DECEMBER 2003
www.ti.com
12
NOTE: fS = 48 kHz, 32768 point 8 average, TA = 25°C, VDD = 3.3 V,
VCC = 5 V, measurement circuit is Figure 24.
Figure 15. –60-db Output Spectrum, BW = 20 kHz
f – Frequency – kHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
2
4
6
8
1012
141618
20
AMPLITUDE
vs
FREQUENCY
NOTE: fS = 96 kHz, 32768 point 8 average, TA = 25°C, VDD = 3.3 V,
VCC = 5 V, measurement circuit is Figure 24.
Figure 16. –60-db Output Spectrum, BW = 100 kHz
f – Frequency – kHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
102030
405060
708090 100
AMPLITUDE
vs
FREQUENCY
NOTE: fS = 48 kHz, TA = 25°C, VDD = 3.3 V, VCC = 5 V,
measurement circuit is Figure 24.
Figure 17. THD+N vs Input Level, PCM Mode
−90 −80 −70 −60 −50 −40 −30 −20 −10
0
Input Level – dBFS
TOTAL HARMONIC DISTORTION + NOISE
vs
INPUT LEVEL
10
0.1
0.01
0.001
0.0001
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com