전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA78L02ACLP 데이터시트(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
부품명 UA78L02ACLP
상세설명  POSITIVE-VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UA78L02ACLP 데이터시트(HTML) 19 Page - Texas Instruments

Back Button UA78L02ACLP Datasheet HTML 12Page - Texas Instruments UA78L02ACLP Datasheet HTML 13Page - Texas Instruments UA78L02ACLP Datasheet HTML 14Page - Texas Instruments UA78L02ACLP Datasheet HTML 15Page - Texas Instruments UA78L02ACLP Datasheet HTML 16Page - Texas Instruments UA78L02ACLP Datasheet HTML 17Page - Texas Instruments UA78L02ACLP Datasheet HTML 18Page - Texas Instruments UA78L02ACLP Datasheet HTML 19Page - Texas Instruments UA78L02ACLP Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
UA78L12ACDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
UA78L12ACDRG4
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
UA78L12ACPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
UA78L15ACDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
UA78L15ACPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
UA78L05ACDR
SOIC
D
8
2500
364.0
364.0
27.0
UA78L05ACDR
SOIC
D
8
2500
340.5
338.1
20.6
UA78L05ACDRG4
SOIC
D
8
2500
340.5
338.1
20.6
UA78L05ACPK
SOT-89
PK
3
1000
340.0
340.0
38.0
UA78L05AIDR
SOIC
D
8
2500
340.5
338.1
20.6
UA78L05AIPK
SOT-89
PK
3
1000
340.0
340.0
38.0
UA78L05CDR
SOIC
D
8
2500
340.5
338.1
20.6
UA78L05CPK
SOT-89
PK
3
1000
340.0
340.0
38.0
UA78L06ACPK
SOT-89
PK
3
1000
340.0
340.0
38.0
UA78L08ACDR
SOIC
D
8
2500
340.5
338.1
20.6
UA78L08ACDR
SOIC
D
8
2500
364.0
364.0
27.0
UA78L08ACDRG4
SOIC
D
8
2500
340.5
338.1
20.6
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Aug-2014
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20