| 전자부품 데이터시트 검색엔진 |
|
MB9B160L 데이터시트(PDF) 19 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B160L 데이터시트(HTML) 19 Page - Cypress Semiconductor |
|
19 / 118 page ![]() Document Number: 002-04976 Rev.*A Page 19 of 118 MB9B160L Series 4.2 List of Pin Functions The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. Pin function Pin name Function description Pin No LQFP64 QFN64 LQFP48 QFN48 ADC ADTG_0 A/D converter external trigger input pin 9 5 ADTG_1 27 - ADTG_2 35 26 ADTG_3 43 34 ADTG_4 57 - ADTG_5 59 43 AN00 A/D converter analog input pin. ANxx describes ADC ch.xx. 36 27 AN01 37 28 AN02 38 29 AN03 43 34 AN04 44 35 AN05 45 36 AN06 46 - AN07 47 - AN08 48 - AN09 54 42 AN10 55 - AN11 56 - AN12 57 - AN13 58 - AN14 59 43 Base Timer 0 TIOA0_0 Base timer ch.0 TIOA pin 2 - TIOA0_1 38 29 TIOB0_0 Base timer ch.0 TIOB pin 3 - TIOB0_1 43 34 Base Timer 1 TIOA1_0 Base timer ch.1 TIOA pin 4 - TIOA1_1 44 35 TIOB1_0 Base timer ch.1 TIOB pin 5 - TIOB1_1 45 36 Base Timer 2 TIOA2_0 Base timer ch.2 TIOA pin 6 2 TIOA2_1 55 - TIOB2_0 Base timer ch.2 TIOB pin 7 3 TIOB2_1 56 - Base Timer 3 TIOA3_0 Base timer ch.3 TIOA pin 8 4 TIOA3_1 57 - TIOB3_0 Base timer ch.3 TIOB pin 9 5 TIOB3_1 58 - Base Timer 4 TIOA4_0 Base timer ch.4 TIOA pin 10 6 TIOA4_1 34 25 TIOB4_0 Base timer ch.4 TIOB pin 11 7 TIOB4_1 35 26 Base Timer 5 TIOA5_0 Base timer ch.5 TIOA pin 12 8 TIOB5_0 Base timer ch.5 TIOB pin 13 9 |