전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCM1804RGET 데이터시트(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCM1804RGET
상세설명  1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCM1804RGET 데이터시트(HTML) 16 Page - Texas Instruments

Back Button CDCM1804RGET Datasheet HTML 12Page - Texas Instruments CDCM1804RGET Datasheet HTML 13Page - Texas Instruments CDCM1804RGET Datasheet HTML 14Page - Texas Instruments CDCM1804RGET Datasheet HTML 15Page - Texas Instruments CDCM1804RGET Datasheet HTML 16Page - Texas Instruments CDCM1804RGET Datasheet HTML 17Page - Texas Instruments CDCM1804RGET Datasheet HTML 18Page - Texas Instruments CDCM1804RGET Datasheet HTML 19Page - Texas Instruments CDCM1804RGET Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
www.ti.com
IN
CLK
CAC
IN
CDCM1804
CCT
VBB
Rdc
NOTE: CAC − AC-coupling capacitor (e.g., 10 nF)
CCT − Capacitor keeps voltage at IN constant (e.g., 10 nF)
Rdc − Load and correct duty cycle (e.g., 50 Ω)
VBB − Bias voltage output
S0087-01
DEVICE BEHAVIOR DURING RESET AND CONTROL-TERMINAL SWITCHING
Output Behavior From Enabling the Device (EN = 0
→ 1)
CDCM1804
SCAS697E – JULY 2003 – REVISED MAY 2005
APPLICATION INFORMATION (continued)
Figure 14. Typical Application Setting for Single-Ended Input Signals Driving the CDCM1804
In disable mode (EN = 0), all output drivers are switched in high-Z mode. The S[2:0] control inputs are also
switched off. In the same mode, all flip-flops are reset. The typical current consumption is below 500
µA.
When the device is enabled again, it takes typically 1
µs for the settling of the reference voltage and currents.
During this time, the outputs Y[2:0] and Y[2:0] drive a high signal. Y3 is unknown (could be high or low). After the
settle time, the outputs go into the low state. Due to the synchronization of each output driver signal with the
input clock, the state of the waveforms after enabling the device is as shown in Figure 15. The inverting input
and output signal are not included. The Y:/1 waveform is the undivided output driver state.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com