전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS247 데이터시트(PDF) 2 Page - SEC Electronics Inc.

부품명 SS247
상세설명  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECELECTRONICS [SEC Electronics Inc.]
홈페이지  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS247 데이터시트(HTML) 2 Page - SEC Electronics Inc.

  SS247 Datasheet HTML 1Page - SEC Electronics Inc. SS247 Datasheet HTML 2Page - SEC Electronics Inc. SS247 Datasheet HTML 3Page - SEC Electronics Inc. SS247 Datasheet HTML 4Page - SEC Electronics Inc. SS247 Datasheet HTML 5Page - SEC Electronics Inc. SS247 Datasheet HTML 6Page - SEC Electronics Inc. SS247 Datasheet HTML 7Page - SEC Electronics Inc. SS247 Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SS247
CMOS Omnipolar High Sensitivity Micropower Hall Switch
2
V3.10
Nov 1, 2013
Typical Application Circuit
SEC's pole-independent sensing technique allows for
operation with either a north pole or south pole mag-
net orientation, enhancing the manufacturability of the
device. The state-of-the-art technology provides the
same output polarity for either pole face.
It is strongly recommended that an external bypass
capacitor be connected (in close proximity to the Hall
sensor) between the supply and ground of the device
to reduce both external noise and noise generated by
the chopper-stabilization technique. This is especially
true due to the relatively high impedance of battery
supplies.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8