전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS559_1311 데이터시트(PDF) 8 Page - SEC Electronics Inc.

부품명 SS559_1311
상세설명  Hall Latch - High Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECELECTRONICS [SEC Electronics Inc.]
홈페이지  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS559_1311 데이터시트(HTML) 8 Page - SEC Electronics Inc.

  SS559_1311 Datasheet HTML 1Page - SEC Electronics Inc. SS559_1311 Datasheet HTML 2Page - SEC Electronics Inc. SS559_1311 Datasheet HTML 3Page - SEC Electronics Inc. SS559_1311 Datasheet HTML 4Page - SEC Electronics Inc. SS559_1311 Datasheet HTML 5Page - SEC Electronics Inc. SS559_1311 Datasheet HTML 6Page - SEC Electronics Inc. SS559_1311 Datasheet HTML 7Page - SEC Electronics Inc. SS559_1311 Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SS559
Hall Latch - High Sensitivity
8
V3.10
Nov 1, 2013
Package SO, 3-Pin SOT-23:
SOT-23 Package Hall Location:
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS559ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/reel
SS559EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/bag
SS559KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/reel
SS559KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/bag
SS559LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/reel
SS559LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/bag
0.56
0.66
0.95
1.50
Chip
3
2
1
Bottom View of SOT-23 Package
2.70
3.10
1.00
1.30
0.70
0.90
0.00
0.10
0.35
0.50
0.10
0.25
0.20
Min
2.60
3.00
1.50
1.80
1.70
2.10
3
2
1
Top
Side Vie
End
Notes
1). PINOUT:
Pin 1 VDD
Pin 2 Output
Pin 3 GND
2). All dimensions are in millimeters;



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com