전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RF-ADAPTER 데이터시트(PDF) 2 Page - DDK Ltd.

부품명 RF-ADAPTER
상세설명  High-frequency N type Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DDK [DDK Ltd.]
홈페이지  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

RF-ADAPTER 데이터시트(HTML) 2 Page - DDK Ltd.

  RF-ADAPTER Datasheet HTML 1Page - DDK Ltd. RF-ADAPTER Datasheet HTML 2Page - DDK Ltd. RF-ADAPTER Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○ High Performance N type Adapter
RF Adapter
Unit:mm
2
22.9
1.5
44.2
□25.4
18.24 0.1
4-3.25
+0.2
0
(48.6)
44.2
N-PA-JJ-HG-XX
N-SA-JJ-HG-XX
N-SA-JP-HG-XX
N-PA-PP-HG-XX
(46.4)
Panel Mounting Dimensions
4-3.2
+0.1
0
18.24 0.05
16
+0.1
0
22.9
1.5
44.2
□25.4
18.24 0.1
4-3.25
+0.2
0
(48.6)
44.2
N-PA-JJ-HG-XX
N-SA-JJ-HG-XX
N-SA-JP-HG-XX
N-PA-PP-HG-XX
(46.4)
Panel Mounting Dimensions
4-3.2
+0.1
0
18.24 0.05
16
+0.1
0
22.9
1.5
44.2
□25.4
18.24 0.1
4-3.25
+0.2
0
(48.6)
44.2
N-PA-JJ-HG-XX
N-SA-JJ-HG-XX
N-SA-JP-HG-XX
N-PA-PP-HG-XX
(46.4)
Panel Mounting Dimensions
4-3.2
+0.1
0
18.24 0.05
16
+0.1
0
N-SA-JJ-HG-xx
N-SA-JP-HG-xx
N-SA-PP-HG-xx
  Part Number
Finish
Center
Conductor
Outer
Conductor
N-SA-JJ-HG
Au Plating
Stainless steel
N-SA-JJ-HG-D1
Au Plating
Ni Plating
N-SA-JJ-HG-D2
Au Plating
Au Plating
N-SA-JJ-HG-D3
Ag Plating
Ag Plating
  Part Number
Finish
Center
Conductor
Outer
Conductor
N-SA-JP-HG
Au Plating
Stainless steel
N-SA-JP-HG-D1
Au Plating
Ni Plating
N-SA-JP-HG-D2
Au Plating
Au Plating
N-SA-JP-HG-D3
Ag Plating
Ag Plating
  Part Number
Finish
Center
Conductor
Outer
Conductor
N-SA-PP-HG
Au Plating
Stainless steel
N-SA-PP-HG-D1
Au Plating
Ni Plating
N-SA-PP-HG-D2
Au Plating
Au Plating
N-SA-PP-HG-D3
Ag Plating
Ag Plating
N– □A– □□ –HG– □□
 N: N Type
 SA:Straight Adaptor
 PA:Panel Adaptor
 JJ :Jack to Jack
 JP :Jack to Plug
PP:Plug to Plug
 High Grade Type
Parts Configulration
 Finish 
 View:No、D1、D2、D3
Series Name
Adapter Type
Interface Type
Deviation
○ N to N Straight Adaptor



Html Pages

1 2 3