| 전자부품 데이터시트 검색엔진 |
|
TMS320DM640 데이터시트(PDF) 42 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM640 데이터시트(HTML) 42 Page - Texas Instruments |
|
42 / 171 page ![]() Pin Assignments 42 June 2003 − Revised August 2004 SPRS222C McASP0 (Multichannel Audio Serial Port 0) ACLKX0 AHCLKX0 Transmit Clock Generator AMUTEIN0 Auto Mute Logic AMUTE0 AFSX0 Transmit Frame Sync AFSR0 Receive Frame Sync ACLKR0 AHCLKR0 Receive Clock Generator AXR0[3] AXR0[2] AXR0[1] AXR0[0] 8-Serial Ports Flexible Partitioning Tx, Rx, OFF Transmit Clock Check Circuit Receive Clock Check Circuit Error Detect (see Note A ) (Transmit/Receive Data Pins) (Transmit/Receive Data Pins) (Receive Bit Clock) (Transmit Bit Clock) (Receive Master Clock) (Transmit Master Clock) (Receive Frame Sync or Left/Right Clock) (Transmit Frame Sync or Left/Right Clock) NOTES: A. The McASPs’ Error Detect function detects underruns, overruns, early/late frame syncs, DMA errors, and external mute input. B. Bolded and italicized text within parentheses denotes the function of the pins in an audio system. Figure 1−6. Peripheral Signals (Continued) 1.9.3 Terminal Functions The terminal functions table (Table 1−6) identifies the external signal names, the associated pin (ball) numbers along with the mechanical package designator, the pin type (I, O/Z, or I/O/Z), whether the pin has any internal pullup/pulldown resistors and a functional pin description. For more detailed information on device configuration, peripheral selection, multiplexed/shared pins, and debugging considerations, see the Device Configurations section of this data sheet. |