전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320C6414 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320C6414
상세설명  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6414 데이터시트(HTML) 21 Page - Texas Instruments

Back Button TMS320C6414 Datasheet HTML 17Page - Texas Instruments TMS320C6414 Datasheet HTML 18Page - Texas Instruments TMS320C6414 Datasheet HTML 19Page - Texas Instruments TMS320C6414 Datasheet HTML 20Page - Texas Instruments TMS320C6414 Datasheet HTML 21Page - Texas Instruments TMS320C6414 Datasheet HTML 22Page - Texas Instruments TMS320C6414 Datasheet HTML 23Page - Texas Instruments TMS320C6414 Datasheet HTML 24Page - Texas Instruments TMS320C6414 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 141 page
background image
TMS320C6414, TMS320C6415, TMS320C6416
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS146N − FEBRUARY 2001 − REVISED MAY 2005
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 12. McBSP 1 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
0190 0000
DRR1
McBSP1 data receive register via Configuration Bus
The CPU and EDMA controller
can only read this register;
they cannot write to it.
0x3400 0000 − 0x37FF FFFF
DRR1
McBSP1 data receive register via Peripheral Bus
0190 0004
DXR1
McBSP1 data transmit register via Configuration Bus
0x3400 0000 − 0x37FF FFFF
DXR1
McBSP1 data transmit register via Peripheral Bus
0190 0008
SPCR1
McBSP1 serial port control register
0190 000C
RCR1
McBSP1 receive control register
0190 0010
XCR1
McBSP1 transmit control register
0190 0014
SRGR1
McBSP1 sample rate generator register
0190 0018
MCR1
McBSP1 multichannel control register
0190 001C
RCERE01
McBSP1 enhanced receive channel enable register 0
0190 0020
XCERE01
McBSP1 enhanced transmit channel enable register 0
0190 0024
PCR1
McBSP1 pin control register
0190 0028
RCERE11
McBSP1 enhanced receive channel enable register 1
0190 002C
XCERE11
McBSP1 enhanced transmit channel enable register 1
0190 0030
RCERE21
McBSP1 enhanced receive channel enable register 2
0190 0034
XCERE21
McBSP1 enhanced transmit channel enable register 2
0190 0038
RCERE31
McBSP1 enhanced receive channel enable register 3
0190 003C
XCERE31
McBSP1 enhanced transmit channel enable register 3
0190 0040 − 0193 FFFF
–
Reserved
Table 13. McBSP 2 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
01A4 0000
DRR2
McBSP2 data receive register via Configuration Bus
The CPU and EDMA controller
can only read this register;
they cannot write to it.
0x3800 0000 − 0x3BFF FFFF
DRR2
McBSP2 data receive register via Peripheral Bus
01A4 0004
DXR2
McBSP2 data transmit register via Configuration Bus
0x3800 0000 − 0x3BFF FFFF
DXR2
McBSP2 data transmit register via Peripheral Bus
01A4 0008
SPCR2
McBSP2 serial port control register
01A4 000C
RCR2
McBSP2 receive control register
01A4 0010
XCR2
McBSP2 transmit control register
01A4 0014
SRGR2
McBSP2 sample rate generator register
01A4 0018
MCR2
McBSP2 multichannel control register
01A4 001C
RCERE02
McBSP2 enhanced receive channel enable register 0
01A4 0020
XCERE02
McBSP2 enhanced transmit channel enable register 0
01A4 0024
PCR2
McBSP2 pin control register
01A4 0028
RCERE12
McBSP2 enhanced receive channel enable register 1
01A4 002C
XCERE12
McBSP2 enhanced transmit channel enable register 1
01A4 0030
RCERE22
McBSP2 enhanced receive channel enable register 2
01A4 0034
XCERE22
McBSP2 enhanced transmit channel enable register 2
01A4 0038
RCERE32
McBSP2 enhanced receive channel enable register 3
01A4 003C
XCERE32
McBSP2 enhanced transmit channel enable register 3
01A4 0040 − 01A7 FFFF
–
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com