전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB5052PZ 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TUSB5052PZ
상세설명  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 5Page - Texas Instruments TUSB5052PZ Datasheet HTML 6Page - Texas Instruments TUSB5052PZ Datasheet HTML 7Page - Texas Instruments TUSB5052PZ Datasheet HTML 8Page - Texas Instruments TUSB5052PZ Datasheet HTML 9Page - Texas Instruments TUSB5052PZ Datasheet HTML 10Page - Texas Instruments TUSB5052PZ Datasheet HTML 11Page - Texas Instruments TUSB5052PZ Datasheet HTML 12Page - Texas Instruments TUSB5052PZ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
1−1
1 Controller Description
This controller provides bridging between the USB and the dual-enhanced UARTs. This device contains all the
necessary logic to communicate with the host computer using the USB bus. In addition to the USB host interface,
the device contains a 5-port hub that can be used for USB expansion. The internal 8052 microcontroller contains 16K
RAM that can be loaded from the host. All the device functions, such as the USB command decoding, UART setup,
and error reporting are managed by the internal microcontroller unit (MCU) firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82